Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5441 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5441
Description  Fixed-Point Digital Signal Processor
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5441 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TMS320VC5441 Datasheet HTML 14Page - Texas Instruments TMS320VC5441 Datasheet HTML 15Page - Texas Instruments TMS320VC5441 Datasheet HTML 16Page - Texas Instruments TMS320VC5441 Datasheet HTML 17Page - Texas Instruments TMS320VC5441 Datasheet HTML 18Page - Texas Instruments TMS320VC5441 Datasheet HTML 19Page - Texas Instruments TMS320VC5441 Datasheet HTML 20Page - Texas Instruments TMS320VC5441 Datasheet HTML 21Page - Texas Instruments TMS320VC5441 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 91 page
background image
Introduction
18
December 1999 − Revised October 2008
SPRS122F
Table 2−3. Signal Descriptions (Continued)
NAME
DESCRIPTION
TYPE†
HOST-PORT INTERFACE SIGNALS (CONTINUED)
HMODE¶
I
HPI mode select. When this pin is low, it selects the HPI multiplexed address/data mode. The multiplexed address/data
mode allows hosts with multiplexed address/data lines access to the HPI registers HPIA, HPIC, and HPID.
Host-to-DSP and DSP-to-host interrupts are supported in this mode.
When HMODE is high, it selects the HPI nonmultiplexed mode. HPI nonmultiplexed mode allows hosts with separate
address/data buses to access the HPI address range by way of the 19-bit address bus and the HPI data (HPID) register
via the 16-bit data bus. Host-to-DSP and DSP-to-host interrupts are not supported in this mode.
HAS¶#
I
HPI address latch enable (ALE) or address strobe input. Hosts with multiplexed address and data pins require HAS
to latch the address in the HPIA register. This signal is used only in HPI multiplexed address/data mode
(HMODE = 0).
HRDY
O/Z§
HPI data ready output. The ready output informs the host when the HPI is ready for the next transfer. While driving,
it is in output state and while not driving, it is in high-Z state.
HR/W
I
HPI read/write strobe. This signal is used by the host to control the direction of an HPI transfer.
HDS1¶#
¶#
I
HPI data strobes. Driven by the host read and write strobes to control HPI transfers.
HDS1¶#
HDS2¶#
I
HPI data strobes. Driven by the host read and write strobes to control HPI transfers.
HCS¶#
I
HPI chip select. Must be active during HPI transfers and can remain active between concurrent transfers.
PRIMARY
D_HINT
C_HINT
B_HINT
A_HINT
O/Z§
HA5
HA4
HA3
HA2
I
Host interrupt pins. HPI can interrupt the host by asserting this low. The host can clear this
interrupt by writing a “1” to the HINT bit of the HPIC register. Only supported in HPI
multiplexed address/data mode (HMODE pin low)
HCNTL1
HCNTL0
I
HA1
HA0
I
HPI control pins. These pins select a host access to the HPIA, HPIC, and HPID registers.
Only supported in HPI multiplexed address/data mode (HMODE pin low)
HPI_SEL1
I
Subsystem HPI module select
HPI_SEL1
HPI_SEL2
I
Subsystem HPI module select
MULTICHANNEL BUFFERED SERIAL PORTS 0, 1, AND 2 SIGNALS
A_BCLKR0#
B_BCLKR0#
C_BCLKR0#
D_BCLKR0#
I/O/Z§
Receive clocks. x_BCLKR0 serve as the serial shift clocks for the buffered serial-port receiver. Input from an external
clock source for clocking data into the McBSP. When not being used as clocks, these pins can be used as
general-purpose I/Os by setting RIOEN = 1.
x_BCLKR0 can be configured as outputs by way of the CLKRM bit in the PCR register.
A_BCLKX0#
B_BCLKX0#
C_BCLKX0#
D_BCLKX0#
I/O/Z§
Transmit clocks. Clock signals used to clock data from the transmit register. These pins can also be configured as
inputs by setting CLKXM = 0 in the PCR register. x_BCLKX0 can be sampled as inputs by way of the IN1 bit in the
SPC register. When not being used as clocks, these pins can be used as general-purpose I/Os by setting XIOEN = 1.
A_BDR0
B_BDR0
C_BDR0
D_BDR0
I
Buffered serial data receive (input) pins. When not being used as data-receive pins, these pins can be used as
general-purpose I/Os by setting RIOEN = 1.
† I = Input, O = Output, S = Supply, Z = High Impedance
‡ This pin has an internal bus holder controlled by way of the BSCR register in TMS320C54x cLEAD core of DSP subsystem A.
§ This pin is placed in high-impedance when the EMU1/OFF pin operates as OFF and when EMU1/OFF = 0, this case is exclusively for testing
and emulation purposes.
¶ This pin has an internal pullup resistor.
# These pins are Schmitt triggered inputs.
|| This pin is used by Texas Instruments for device testing and should be left unconnected.
kThis pin has an internal pulldown resistor.
hAlthough this pin includes an internal pulldown resistor, a 470-Ω external pulldown is required. If the TRST pin is connected to multiple DSPs,
a buffer is recommended to ensure the VIL and VIH specifications are met.
NOTE: Pins highlighted in grey indicate the multiplexed function of the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com