Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5441 Datasheet(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5441
Description  Fixed-Point Digital Signal Processor
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5441 Datasheet(HTML) 60 Page - Texas Instruments

Back Button TMS320VC5441 Datasheet HTML 56Page - Texas Instruments TMS320VC5441 Datasheet HTML 57Page - Texas Instruments TMS320VC5441 Datasheet HTML 58Page - Texas Instruments TMS320VC5441 Datasheet HTML 59Page - Texas Instruments TMS320VC5441 Datasheet HTML 60Page - Texas Instruments TMS320VC5441 Datasheet HTML 61Page - Texas Instruments TMS320VC5441 Datasheet HTML 62Page - Texas Instruments TMS320VC5441 Datasheet HTML 63Page - Texas Instruments TMS320VC5441 Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 91 page
background image
Functional Overview
60
December 1999 − Revised October 2008
SPRS122F
Table 3−25. DMA Subbank Addressed Registers (Continued)
NAME
DESCRIPTION
SUB-
ADDRESS
ADDRESS
DMSRCDP5
56h/57h
48h
DMA channel 5 extended source data page register
DMDSTDP5
56h/57h
49h
DMA channel 5 extended destination data page register
3.6
Interrupts
Vector-relative locations and priorities for all internal and external interrupts are shown in Table 3−26.
Table 3−26. 5441 Interrupt Locations and Priorities for Each DSP Subsystem
NAME
LOCATION
PRIORITY
FUNCTION
NAME
DECIMAL
HEX
PRIORITY
FUNCTION
RS, SINTR
0
00
1
Reset (Hardware and Software Reset)
NMI, SINT16
4
04
2
Nonmaskable Interrupt
SINT17
8
08
—
Software Interrupt #17
SINT18
12
0C
—
Software Interrupt #18
SINT19
16
10
—
Software Interrupt #19
SINT20
20
14
—
Software Interrupt #20
SINT21
24
18
—
Software Interrupt #21
SINT22
28
1C
—
Software Interrupt #22
SINT23
32
20
—
Software Interrupt #23
SINT24
36
24
—
Software Interrupt #24
SINT25
40
28
—
Software Interrupt #25
SINT26
44
2C
—
Software Interrupt #26
SINT27
48
30
—
Software Interrupt #27
SINT28
52
34
—
Software Interrupt #28
SINT29
56
38
—
Software Interrupt #29
SINT30
60
3C
—
Software Interrupt #30
INT, SINT0
64
40
3
External User Interrupt
WDTINT, SINT1
68
44
4
Watchdog Timer Interrupt
INT2, SINT2
72
48
5
Software interrupt #2
TINT, SINT3
76
4C
6
External Timer Interrupt
BRINT0, SINT4
80
50
7
BSP #0 Receive Interrupt
BXINT0, SINT5
84
54
8
BSP #0 Transmit Interrupt
BRINT2, DMAC0
88
58
9
BSP #2 Receive Interrupt or DMA Channel 0
BXINT2, DMAC1
92
5C
10
BSP #2 Receive Interrupt or DMA Channel 1
INT3, SINT8
96
60
11
Software interrupt #8
HPINT, SINT9
100
64
12
HPI Interrupt (from DSPINT in HPIC)
BRINT1, DMAC2
104
68
13
BSP #1 Receive Interrupt or DMA Channel 2
BXINT1, DMAC3
108
6C
14
BSP #1 transmit Interrupt or DMA channel 3
DMAC4, SINT12
112
70
15
DMA Channel 4
DMAC5, SINT13
116
74
16
DMA Channel 5
—
120−127
78−7F
—
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com