Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5441 Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5441
Description  Fixed-Point Digital Signal Processor
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5441 Datasheet(HTML) 59 Page - Texas Instruments

Back Button TMS320VC5441 Datasheet HTML 55Page - Texas Instruments TMS320VC5441 Datasheet HTML 56Page - Texas Instruments TMS320VC5441 Datasheet HTML 57Page - Texas Instruments TMS320VC5441 Datasheet HTML 58Page - Texas Instruments TMS320VC5441 Datasheet HTML 59Page - Texas Instruments TMS320VC5441 Datasheet HTML 60Page - Texas Instruments TMS320VC5441 Datasheet HTML 61Page - Texas Instruments TMS320VC5441 Datasheet HTML 62Page - Texas Instruments TMS320VC5441 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 91 page
background image
Functional Overview
59
December 1999 − Revised October 2008
SPRS122F
Table 3−25. DMA Subbank Addressed Registers (Continued)
NAME
DESCRIPTION
SUB-
ADDRESS
ADDRESS
DMDSTP
56h/57h
1Fh
DMA destination program page address (common channel)
DMIDX0
56h/57h
20h
DMA element index address register 0
DMIDX1
56h/57h
21h
DMA element index address register 1
DMFRI0
56h/57h
22h
DMA frame index register 0
DMFRI1
56h/57h
23h
DMA frame index register 1
DMGSA0
56h/57h
24h
DMA channel 0 global source address reload register
DMGDA0
56h/57h
25h
DMA channel 0 global destination address reload register
DMGCR0
56h/57h
26h
DMA channel 0 global count reload register
DMGFR0
56h/57h
27h
DMA channel 0 global frame count reload register
−
56h/57h
28h
Reserved
−
56h/57h
29h
Reserved
DMGSA1
56h/57h
2Ah
DMA channel 1 global source address reload register
DMGDA1
56h/57h
2Bh
DMA channel 1 global destination address reload register
DMGCR1
56h/57h
2Ch
DMA channel 1 global count reload register
DMGFR1
56h/57h
2Dh
DMA channel 1 global frame count reload register
DMGSA2
56h/57h
2Eh
DMA channel 2 global source address reload register
DMGDA2
56h/57h
2Fh
DMA channel 2 global destination address reload register
DMGCR2
56h/57h
30h
DMA channel 2 global count reload register
DMGFR2
56h/57h
31h
DMA channel 2 global frame count reload register
DMGSA3
56h/57h
32h
DMA channel 3 global source address reload register
DMGDA3
56h/57h
33h
DMA channel 3 global destination address reload register
DMGCR3
56h/57h
34h
DMA channel 3 global count reload register
DMGFR3
56h/57h
35h
DMA channel 3 global frame count reload register
DMGSA4
56h/57h
36h
DMA channel 4 global source address reload register
DMGDA4
56h/57h
37h
DMA channel 4 global destination address reload register
DMGCR4
56h/57h
38h
DMA channel 4 global count reload register
DMGFR4
56h/57h
39h
DMA channel 4 global frame count reload register
DMGSA5
56h/57h
3Ah
DMA channel 5 global source address reload register
DMGDA5
56h/57h
3Bh
DMA channel 5 global destination address reload register
DMGCR5
56h/57h
3Ch
DMA channel 5 global count reload register
DMGFR5
56h/57h
3Dh
DMA channel 5 global frame count reload register
DMSRCDP0
56h/57h
3Eh
DMA channel 0 extended source data page register
DMDSTDP0
56h/57h
3Fh
DMA channel 0 extended destination data page register
DMSRCDP1
56h/57h
40h
DMA channel 1 extended source data page register
DMDSTDP1
56h/57h
41h
DMA channel 1 extended destination data page register
DMSRCDP2
56h/57h
42h
DMA channel 2 extended source data page register
DMDSTDP2
56h/57h
43h
DMA channel 2 extended destination data page register
DMSRCDP3
56h/57h
44h
DMA channel 3 extended source data page register
DMDSTDP3
56h/57h
45h
DMA channel 3 extended destination data page register
DMSRCDP4
56h/57h
46h
DMA channel 4 extended source data page register
DMDSTDP4
56h/57h
47h
DMA channel 4 extended destination data page register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com