Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5441 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5441
Description  Fixed-Point Digital Signal Processor
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5441 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TMS320VC5441 Datasheet HTML 15Page - Texas Instruments TMS320VC5441 Datasheet HTML 16Page - Texas Instruments TMS320VC5441 Datasheet HTML 17Page - Texas Instruments TMS320VC5441 Datasheet HTML 18Page - Texas Instruments TMS320VC5441 Datasheet HTML 19Page - Texas Instruments TMS320VC5441 Datasheet HTML 20Page - Texas Instruments TMS320VC5441 Datasheet HTML 21Page - Texas Instruments TMS320VC5441 Datasheet HTML 22Page - Texas Instruments TMS320VC5441 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 91 page
background image
Introduction
19
December 1999 − Revised October 2008
SPRS122F
Table 2−3. Signal Descriptions (Continued)
NAME
DESCRIPTION
TYPE†
MULTICHANNEL BUFFERED SERIAL PORTS 0, 1, AND 2 SIGNALS (CONTINUED)
A_BDX0
B_BDX0
C_BDX0
D_BDX0
O/Z§
Buffered serial-port transmit (output) pins. When not being used as data-transmit pins, x_BDX0 can be used as
general-purpose I/Os by setting XIOEN = 1.
A_BFSR0
B_BFSR0
C_BFSR0
D_BFSR0
I/O/Z§
Frame synchronization pins for buffered serial-port input data. The x_BFSR0 pulse initiates the receive-data process
over x_BDR0. When not being used as data-receive synchronization pins, these pins can be used as general-purpose
I/Os by setting RIOEN = 1.
A_BFSX0
B_BFSX0
C_BFSX0
D_BFSX0
I/O/Z§
Buffered serial-port frame synchronization pins for transmitting data. The x_BFSX0 pulse initiates the transmit-data
process over the x_BDX0 pin. If x_RS is asserted when x_BFSX0 is configured as output, then x_BFSX0 is turned
into input mode by the reset operation. When not being used as data-transmit synchronization pins, these pins can
be used as general-purpose I/Os by setting XIOEN = 1.
BCLKR1#
Receive clock, multiplexed McBSP1
BCLKX1#
I
Transmit clock, multiplexed McBSP1
BDR1
I
Receive data, multiplexed McBSP1
BDX1
O/Z§
Transmit data, multiplexed McBSP1
BFSR1
I
Receive frame sync, multiplexed McBSP1
BFSX1
I
Transmit frame sync, multiplexed McBSP1
BCLKR2#
Receive clock, multiplexed McBSP2
BCLKX2#
I
Transmit clock, multiplexed McBSP2
BDR2
I
Receive data, multiplexed McBSP2
BDX2
O/Z§
Transmit data, multiplexed McBSP2
BFSR2
I
Receive frame sync, multiplexed McBSP2
BFSX2
I
Transmit frame sync, multiplexed McBSP2
CLOCKING SIGNALS
CLKOUT
O/Z§
Master clock output signal. CLKOUT cycles at the machine-cycle rate of the CPU. The internal machine cycle is
bounded by the falling edges of this signal. The CLKOUT pin can be turned off by writing a “1” to the CLKOUT bit of
the PMST register.
Multiplexed as shown below based on the selection bits in the GPIO register
CLKOUT
O/Z§
GPIO[7]
GPIO[6]
A_CLKOUT
0
0
(default)
B_CLKOUT||
01
C_CLKOUT||
10
D_CLKOUT||
11
CLKIN#
I
Input clock to the device. CLKIN connects to a PLL.
CLKMD#
I
Clock mode configuration pin at reset. When CLKMD = 0, bypasses PLL; when CLKMD = 1, CLKINx2
† I = Input, O = Output, S = Supply, Z = High Impedance
‡ This pin has an internal bus holder controlled by way of the BSCR register in TMS320C54x cLEAD core of DSP subsystem A.
§ This pin is placed in high-impedance when the EMU1/OFF pin operates as OFF and when EMU1/OFF = 0, this case is exclusively for testing
and emulation purposes.
¶ This pin has an internal pullup resistor.
# These pins are Schmitt triggered inputs.
|| This pin is used by Texas Instruments for device testing and should be left unconnected.
kThis pin has an internal pulldown resistor.
hAlthough this pin includes an internal pulldown resistor, a 470-Ω external pulldown is required. If the TRST pin is connected to multiple DSPs,
a buffer is recommended to ensure the VIL and VIH specifications are met.
NOTE: Pins highlighted in grey indicate the multiplexed function of the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com