Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5441 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5441
Description  Fixed-Point Digital Signal Processor
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5441 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TMS320VC5441 Datasheet HTML 23Page - Texas Instruments TMS320VC5441 Datasheet HTML 24Page - Texas Instruments TMS320VC5441 Datasheet HTML 25Page - Texas Instruments TMS320VC5441 Datasheet HTML 26Page - Texas Instruments TMS320VC5441 Datasheet HTML 27Page - Texas Instruments TMS320VC5441 Datasheet HTML 28Page - Texas Instruments TMS320VC5441 Datasheet HTML 29Page - Texas Instruments TMS320VC5441 Datasheet HTML 30Page - Texas Instruments TMS320VC5441 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 91 page
background image
Functional Overview
27
December 1999 − Revised October 2008
SPRS122F
Page 0
Data Memory
Page 1
Program Memory
Page 2
Page 3
0000h
8000h
FFFFh
MPDD
MPDD
Page 0
Data Memory
Page 1
Program Memory
Page 2
Page 3
MPCD3
0000h
8000h
FFFFh
MPDD
reserved
MPCD3
MPCD0
MPCD1
MPCD2
MPCD0
MPCD1
MPCD2
MPDD
MPDD
MPDD
MPCD3
MPCD3
MPCD3
Memory Map with OVLY = 1
Memory Map with OVLY = 0
MDD0
or
MDD1
MDD0
or
MDD1
NOTES: A. MPDD: local program/data memory in subsystem D
B. MDD: local data memory in subsystem D. MDD is controlled by the data memory map register (DMMR).
DMMR=0, MDD0 is mapped in 8000h − FFFFh.
DMMR=1, MDD1 is mapped in 8000h − FFFFh.
C. MPCD: shared program memory in subsystems C and D
Figure 3−6. Subsystem D CPU Memory Map
Figure 3−7 shows the CPU data memory map. The lower 32K-word data memory location in all pages is the
overlay area. Program memory has overlay area over the lower 32K words on all pages as well.
The overlay areas refer to:
1.
When OVLY = 1, the lower 32K words of data space are mapped to the lower 32K words of all program
pages in the memory map.
2.
When OVLY = 0, the lower 32K words of data space are mapped only to the lower 32K words of data space
and the lower 32K words of program page 3 are mapped to the lower 32K words of all program pages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com