Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5441 Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5441
Description  Fixed-Point Digital Signal Processor
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5441 Datasheet(HTML) 41 Page - Texas Instruments

Back Button TMS320VC5441 Datasheet HTML 37Page - Texas Instruments TMS320VC5441 Datasheet HTML 38Page - Texas Instruments TMS320VC5441 Datasheet HTML 39Page - Texas Instruments TMS320VC5441 Datasheet HTML 40Page - Texas Instruments TMS320VC5441 Datasheet HTML 41Page - Texas Instruments TMS320VC5441 Datasheet HTML 42Page - Texas Instruments TMS320VC5441 Datasheet HTML 43Page - Texas Instruments TMS320VC5441 Datasheet HTML 44Page - Texas Instruments TMS320VC5441 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 91 page
background image
Functional Overview
41
December 1999 − Revised October 2008
SPRS122F
•
In the second mode, with RMCME = 1 and XMCME = 1, the McBSPs have 128-channel selection
capability. Twelve registers (RCERCx−RCERHx and XCERCx−XCERHx) are used to enable the
128-channel selection. The subaddresses of the registers are shown in Table 3−24. These registers,
functionally equivalent to the RCERA0−RCERB1 and XCERA0−XCERB1 registers, are used to
enable/disable the transmit and receive of additional channel partitions (C,D,E,F,G, and H) in the
128-channel stream. For example, XCERH1 is the transmit enable for channel partition H (channels 112
to 127) of McBSP1 for each DSP subsystem. See Figure 3−18, Table 3−8, Figure 3−19, and Table 3−9
for bit layouts and functions of the receive and transmit registers.
15
14
13
12
11
10
9
8
RCERyz15
RCERyz14
RCERyz13
RCERyz12
RCERyz11
RCERyz10
RCERyz9
RCERyz8
RW,+0
RW,+0
RW,+0
RW,+0
RW,+0
RW,+0
RW,+0
RW,+0
76
54
32
10
RCERyz7
RCERyz6
RCERyz5
RCERy4
RCERyz3
RCERyz2
RCERyz1
RCERyz0
RW,+0
RW,+0
RW,+0
RW,+0
RW,+0
RW,+0
RW,+0
RW,+0
LEGEND: R = Read, W = Write, +0 = Value at reset; y = Partition A,B,C,D,E,F,G, or H; z = McBSP 0,1, or 2
Figure 3−18. Receive Channel Enable Registers Bit Layout for Partitions A to H
Table 3−8. Receive Channel Enable Registers for Partitions A to H
Bit
Name
Function
15−0
RCERyz[15:0]
Receive Channel Enable Register
RCERyz n =0
Disables reception of nth channel in partition y.
RCERyz n =1
Enables reception of nth channel in partition y.
Note:
y = Partition A,B,C,D,E,F,G, or H; z = McBSP 0,1, or 2; n = bit 15−0
15
14
13
12
11
10
9
8
XCERyz15
XCERyz14
XCERyz13
XCERyz12
XCERyz11
XCERyz10
XCERyz9
XCERyz8
RW,+0
RW,+0
RW,+0
RW,+0
RW,+0
RW,+0
RW,+0
RW,+0
76
54
32
10
XCERyz7
XCERyz6
XCERyz5
XCERy4
XCERyz3
XCERyz2
XCERyz1
XCERyz0
RW,+0
RW,+0
RW,+0
RW,+0
RW,+0
RW,+0
RW,+0
RW,+0
LEGEND: R = Read, W = Write, +0 = Value at reset; y = Partition A,B,C,D,E,F,G, or H; z = McBSP 0,1, or 2
Figure 3−19. Transmit Channel Enable Registers Bit Layout for Partitions A to H
Table 3−9. Transmit Channel Enable Registers for Partitions A to H
Bit
Name
Function
15−0
XCERyz[15:0]
Transmit Channel Enable Register
XCERyz n =0
Disables transmit of nth channel in partition y.
XCERyz n =1
Enables transmit of nth channel in partition y.
LEGEND: y = Partition A,B,C,D,E,F,G, or H; z = McBSP 0,1, or 2; n = bit 15−0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com