Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5441 Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5441
Description  Fixed-Point Digital Signal Processor
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5441 Datasheet(HTML) 45 Page - Texas Instruments

Back Button TMS320VC5441 Datasheet HTML 41Page - Texas Instruments TMS320VC5441 Datasheet HTML 42Page - Texas Instruments TMS320VC5441 Datasheet HTML 43Page - Texas Instruments TMS320VC5441 Datasheet HTML 44Page - Texas Instruments TMS320VC5441 Datasheet HTML 45Page - Texas Instruments TMS320VC5441 Datasheet HTML 46Page - Texas Instruments TMS320VC5441 Datasheet HTML 47Page - Texas Instruments TMS320VC5441 Datasheet HTML 48Page - Texas Instruments TMS320VC5441 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 91 page
background image
Functional Overview
45
December 1999 − Revised October 2008
SPRS122F
3.2.4.4
TSCR Register
This 16-bit register contains bits to set prescalar mode.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
PREMD
Reserved
R/W+0
LEGEND: R = Read, W = Write, +0 = Value at reset
Figure 3−22. Timer Second Control Register (TSCR)
Table 3−11. TSCR Bit Description
BIT
NO.
BIT
NAME
FUNCTION
15−13
Reserved
Register bit is reserved. Read 0, write has no effect.
12
PREMD
Prescalar mode select bit.
0 = direct mode, TDDR is a 4-bit reload prescalar (default value after reset).
1 = indirect mode, TDDR is used to select individual prescalar value.
11−0
Reserved
Register bit is reserved. Read 0, write has no effect.
Out of reset, the TIM and PRD registers are set to a maximum value of FFFFh, the PREMD bit (TSCR[12])
is set to 0, the TDDR field (TCR[3:0]) is cleared to 0, and the timer is started.
3.2.5 Watchdog Timer
Each subsystem contains a watchdog timer. The purpose of the watchdog timer is to prevent the system from
lock in case the software becomes trapped in loops with no controlled exit. The watchdog timer has a
“watchdog output” pin associated with it. This watchdog output pin is shared with the x_GPIO2/x_WTOUT pin;
once the watchdog timer is enabled, this pin is automatically configured as x_WTOUT. The watchdog timer
requires a special service sequence to be executed periodically. Without this periodic servicing, the watchdog
timer counter reaches zero and times out. Consequently, an active-low pulse will be asserted on the “watchdog
output” pin and an internal maskable interrupt will be triggered. The watchdog output (x_WTOUT) pin can be
gluelessly external-connected to the local hardware reset or NMI (nonmaskable interrupt). This allows
maximum flexibility in utilizing the watchdog as required by the particular application.
The watchdog timer is a prescaled 16-bit counter that supports up to a 32-bit dynamic range. Out of reset, the
watchdog is disabled in order to allow as much time as needed for code to be loaded into the 5441 on-chip
memory via the HPI. Prior to being enabled, the watchdog counter will, in fact, still count down from its initial
default value using the default prescalar value. When the counter reaches zero, a watchdog time-out event
will occur in that a WD interrupt (WDTINT) request will be sent to the core, and the WDFLAG will be set.
However, since all maskable interrupts are disabled by default at reset, the WDTINT will not be serviced by
the core. Additionally, the watchdog pin (x_WTOUT) is disconnected from the watchdog time-out event, so
no pulse will be generated on this pin. After this time-out, the counter and prescalar will be reloaded
automatically and the watchdog will continue to count, time out, reload, etc. After code-download, the
watchdog can be enabled to connect the x_WTOUT pin to the time-out event. To enable the watchdog, certain
sequence shall be followed as shown in Figure 3−25.
Once the watchdog is enabled, it cannot be disabled by software. It can be disabled by watchdog time-out,
local hardware reset, or global hardware reset. A special key sequence is provided to prevent the watchdog
from being accidentally serviced while the software is trapped in a dead loop or in some other software failures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com