Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5441 Datasheet(PDF) 50 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5441
Description  Fixed-Point Digital Signal Processor
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5441 Datasheet(HTML) 50 Page - Texas Instruments

Back Button TMS320VC5441 Datasheet HTML 46Page - Texas Instruments TMS320VC5441 Datasheet HTML 47Page - Texas Instruments TMS320VC5441 Datasheet HTML 48Page - Texas Instruments TMS320VC5441 Datasheet HTML 49Page - Texas Instruments TMS320VC5441 Datasheet HTML 50Page - Texas Instruments TMS320VC5441 Datasheet HTML 51Page - Texas Instruments TMS320VC5441 Datasheet HTML 52Page - Texas Instruments TMS320VC5441 Datasheet HTML 53Page - Texas Instruments TMS320VC5441 Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 91 page
background image
Functional Overview
50
December 1999 − Revised October 2008
SPRS122F
3.2.6 Software-Programmable Phase-Locked Loop (PLL)
The clock generator provides clocks to the 5441 device, and consists of a phase-locked loop (PLL) circuit. The
clock generator requires a reference clock input, which must be provided by using an external clock source.
The reference clock input is then divided by two (DIV mode) to generate clocks for the 5441 device. Alternately,
the PLL circuit can be used (PLL mode) to generate the device clock by multiplying the reference clock
frequency by a scale factor, allowing use of a clock source with a lower frequency than that of the CPU. The
PLL is an adaptive circuit that, once synchronized, locks onto and tracks an input clock signal. When the PLL
is initially started, it enters a transitional mode during which the PLL acquires lock with the input signal. Once
the PLL is locked, it continues to track and maintain synchronization with the input signal. Then, other internal
clock circuitry allows the synthesis of new clock frequencies for use as master clock for the 5441 device. Only
subsystem A controls the PLL. Subsystems B, C, and D cannot access the PLL registers.
The software-programmable PLL features a high level of flexibility, and includes a clock scaler that provides
various clock multiplier ratios, capability to directly enable and disable the PLL, and a PLL lock timer that can
be used to delay switching to PLL clocking mode of the device until lock is achieved. Devices that have a
built-in software-programmable PLL can be configured in one of two clock modes:
•
PLL mode. The input clock (CLKIN) is multiplied by 1 of 31 possible ratios. These ratios are achieved using
the PLL circuitry.
•
DIV (divider) mode. The input clock is divided by 2 or 4. Note that when DIV mode is used, the PLL can
be completely disabled in order to minimize power dissipation.
The software-programmable PLL is controlled using the 16-bit memory-mapped (address 0058h) clock mode
register (CLKMD). The CLKMD register is used to define the clock configuration of the PLL clock module.
Figure 3−26 shows the bit layout of the clock mode register and Table 3−14 describes the bit functions.
15
12
11
10
3
2
1
0
PLLMUL†
PLLDIV†
PLLCOUNT†
PLLON/OFF†
PLLNDIV
STATUS
R/W
R/W
R/W
R/W
R/W
R/W
† When in DIV mode (PLLSTATUS is low), PLLMUL, PLLDIV, PLLCOUNT, and PLLON/OFF are don’t cares, and their contents are indeterminate.
LEGEND: R = Read, W = Write
Figure 3−26. Clock Mode Register (CLKMD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com