Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5441 Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5441
Description  Fixed-Point Digital Signal Processor
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5441 Datasheet(HTML) 55 Page - Texas Instruments

Back Button TMS320VC5441 Datasheet HTML 51Page - Texas Instruments TMS320VC5441 Datasheet HTML 52Page - Texas Instruments TMS320VC5441 Datasheet HTML 53Page - Texas Instruments TMS320VC5441 Datasheet HTML 54Page - Texas Instruments TMS320VC5441 Datasheet HTML 55Page - Texas Instruments TMS320VC5441 Datasheet HTML 56Page - Texas Instruments TMS320VC5441 Datasheet HTML 57Page - Texas Instruments TMS320VC5441 Datasheet HTML 58Page - Texas Instruments TMS320VC5441 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 91 page
background image
Functional Overview
55
December 1999 − Revised October 2008
SPRS122F
3.3
Memory-Mapped Registers
The 5441 has 27 processor memory-mapped registers, which are mapped in data memory space addresses
0h to 1Fh as shown in Table 3−22. Each device also has a set of memory-mapped registers associated with
the peripherals as shown in Table 3−23.
Table 3−22. Processor Memory-Mapped Registers for Each DSP Subsystem
NAME
ADDRESS
DESCRIPTION
NAME
DEC
HEX
DESCRIPTION
IMR
0
0
Interrupt Mask Register
IFR
1
1
Interrupt Flag Register
—
2−5
2−5
Reserved for testing
ST0
6
6
Status Register 0
ST1
7
7
Status Register 1
AL
8
8
Accumulator A Low Word (15−0)
AH
9
9
Accumulator A High Word (31−16)
AG
10
A
Accumulator A Guard Bits (39−32)
BL
11
B
Accumulator B Low Word (15−0)
BH
12
C
Accumulator B High Word (31−16)
BG
13
D
Accumulator B Guard Bits (39−32)
TREG
14
E
Temporary Register
TRN
15
F
Transition Register
AR0
16
10
Auxiliary Register 0
AR1
17
11
Auxiliary Register 1
AR2
18
12
Auxiliary Register 2
AR3
19
13
Auxiliary Register 3
AR4
20
14
Auxiliary Register 4
AR5
21
15
Auxiliary Register 5
AR6
22
16
Auxiliary Register 6
AR7
23
17
Auxiliary Register 7
SP
24
18
Stack Pointer
BK
25
19
Circular Buffer Size Register
BRC
26
1A
Block-Repeat Counter
RSA
27
1B
Block-Repeat Start Address
REA
28
1C
Block-Repeat End Address
PMST
29
1D
Processor Mode Status Register
XPC
30
1E
Extended Program Counter
—
31
1F
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com