Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5441 Datasheet(PDF) 57 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5441
Description  Fixed-Point Digital Signal Processor
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5441 Datasheet(HTML) 57 Page - Texas Instruments

Back Button TMS320VC5441 Datasheet HTML 53Page - Texas Instruments TMS320VC5441 Datasheet HTML 54Page - Texas Instruments TMS320VC5441 Datasheet HTML 55Page - Texas Instruments TMS320VC5441 Datasheet HTML 56Page - Texas Instruments TMS320VC5441 Datasheet HTML 57Page - Texas Instruments TMS320VC5441 Datasheet HTML 58Page - Texas Instruments TMS320VC5441 Datasheet HTML 59Page - Texas Instruments TMS320VC5441 Datasheet HTML 60Page - Texas Instruments TMS320VC5441 Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 91 page
background image
Functional Overview
57
December 1999 − Revised October 2008
SPRS122F
Table 3−23. Peripheral Memory-Mapped Registers for Each DSP Subsystem (Continued)
NAME
DESCRIPTION
ADDRESS
(HEX)
DMSDN
57
DMA Subbank Data Register‡
CLKMD
58
Clock Mode Register (CLKMD), subsystem A only (reserved in subsystems B, C, and D)
—
59−5F
Reserved
†See Table 3−24 for a detailed description of the McBSP control registers and their subaddresses.
‡See Table 3−25 for a detailed description of the DMA subbank addressed registers.
3.4
McBSP Control Registers and Subaddresses
The control registers for the multichannel buffered serial port (McBSP) are accessed using the subbank
addressing scheme. This allows a set or subbank of registers to be accessed through a single memory
location. The McBSP subbank address register (SPSAx) is used as a pointer to select a particular register
within the subbank. The McBSP data register (SPSDx) is used to access (read or write) the selected register.
Table 3−24 shows the McBSP control registers and their corresponding subaddresses.
Table 3−24. McBSP Control Registers and Subaddresses
McBSP0
McBSP1
McBSP2
SUB-
DESCRIPTION
NAME
ADDRESS
NAME
ADDRESS
NAME
ADDRESS
SUB-
ADDRESS
DESCRIPTION
SPCR10
39h
SPCR11
49h
SPCR12
35h
00h
Serial port control register 1
SPCR20
39h
SPCR21
49h
SPCR22
35h
01h
Serial port control register 2
RCR10
39h
RCR11
49h
RCR12
35h
02h
Receive control register 1
RCR20
39h
RCR21
49h
RCR22
35h
03h
Receive control register 2
XCR10
39h
XCR11
49h
XCR12
35h
04h
Transmit control register 1
XCR20
39h
XCR21
49h
XCR22
35h
05h
Transmit control register 2
SRGR10
39h
SRGR11
49h
SRGR12
35h
06h
Sample rate generator register 1
SRGR20
39h
SRGR21
49h
SRGR22
35h
07h
Sample rate generator register 2
MCR10
39h
MCR11
49h
MCR12
35h
08h
Multichannel register 1
MCR20
39h
MCR21
49h
MCR22
35h
09h
Multichannel register 2
RCERA0
39h
RCERA1
49h
RCERA2
35h
0Ah
Receive channel enable register partition A
RCERB0
39h
RCERB1
49h
RCERB2
35h
0Bh
Receive channel enable register partition B
XCERA0
39h
XCERA1
49h
XCERA2
35h
0Ch
Transmit channel enable register partition A
XCERB0
39h
XCERB1
49h
XCERB2
35h
0Dh
Transmit channel enable register partition B
PCR0
39h
PCR1
49h
PCR2
35h
0Eh
Pin control register
RCERC0
39h
RCERC1
49h
RCERC2
35h
010h
Receive channel enable register partition C
RCERD0
39h
RCERD1
49h
RCERD2
35h
011h
Receive channel enable register partition D
XCERC0
39h
XCERC1
49h
XCERC2
35h
012h
Transmit channel enable register partition C
XCERD0
39h
XCERD1
49h
XCERD2
35h
013h
Transmit channel enable register partition D
RCERE0
39h
RCERE1
49h
RCERE2
35h
014h
Receive channel enable register partition E
RCERF0
39h
RCERF1
49h
RCERF2
35h
015h
Receive channel enable register partition F
XCERE0
39h
XCERE1
49h
XCERE2
35h
016h
Transmit channel enable register partition E
XCERF0
39h
XCERF1
49h
XCERF2
35h
017h
Transmit channel enable register partition F
RCERG0
39h
RCERG1
49h
RCERG2
35h
018h
Receive channel enable register partition G
RCERH0
39h
RCERH1
49h
RCERH2
35h
019h
Receive channel enable register partition H
XCERG0
39h
XCERG1
49h
XCERG2
35h
01Ah
Transmit channel enable register partition G
XCERH0
39h
XCERH1
49h
XCERH2
35h
01Bh
Transmit channel enable register partition H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com