Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5441 Datasheet(PDF) 54 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5441
Description  Fixed-Point Digital Signal Processor
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5441 Datasheet(HTML) 54 Page - Texas Instruments

Back Button TMS320VC5441 Datasheet HTML 50Page - Texas Instruments TMS320VC5441 Datasheet HTML 51Page - Texas Instruments TMS320VC5441 Datasheet HTML 52Page - Texas Instruments TMS320VC5441 Datasheet HTML 53Page - Texas Instruments TMS320VC5441 Datasheet HTML 54Page - Texas Instruments TMS320VC5441 Datasheet HTML 55Page - Texas Instruments TMS320VC5441 Datasheet HTML 56Page - Texas Instruments TMS320VC5441 Datasheet HTML 57Page - Texas Instruments TMS320VC5441 Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 91 page
background image
Functional Overview
54
December 1999 − Revised October 2008
SPRS122F
3.2.8 Chip Subsystem ID Register
The chip subsystem ID register (CSIDR) is a read-only memory-mapped register located at 3Eh within each
DSP subsystem. This register contains two elements for electrically readable device identification. The
Chip ID bits identify the type of C54x
 device (41h for 5441). The SubSysID contains a unique subsystem
identifier. Figure 3−28 shows the CSIDR and Table 3−20 describes its bit functions.
15
14
13
12
11
10
987
6
5
43210
Chip ID
Reserved
SubSysID
R
R
LEGEND: R = Read
Figure 3−28. Chip Subsystem ID Register (CSIDR)
Table 3−20. Chip Subsystem ID Register Bit Functions
BIT
NO.
BIT FIELD
NAME
FUNCTION
15−8
Chip ID
54x device type. Contains 41h for 5441.
15−8
Chip ID
54x device type. Contains 41h for 5441.
7−4
Reserved
3−0
SubSysID
Identifier for DSP subsystem: A = 00b, B = 01b, C = 10b, and D = 11b
3−0
SubSysID
Identifier for DSP subsystem: A = 00b, B = 01b, C = 10b, and D = 11b
3.2.9 Data Memory Map Register
To access the extended data memory, the DSP CPU need to configure the data memory map register
(DMMR), which is used to point to extended data memory. The content of DMMR register is used to select
the extended data for all CPU data memory accesses. Figure 3−29 shows the DMMR and Table 3−21
describes its bit functions.
15
14
13
12
11
10
987
6
5
4321
0
Reserved
Extended
Data
R/W+0
LEGEND: R = Read, W = Write
Figure 3−29. Data Memory Map Register (DMMR)
Table 3−21. Data Memory Map Register Functions
BIT
NO.
BIT FIELD
NAME
FUNCTION
15−1
Reserved
0
Extended data
Extended data memory for CPU access:
Extended_Data = 0b, DARAM2 and DARAM3 are mapped in.
0
Extended data
Extended_Data = 0b, DARAM2 and DARAM3 are mapped in.
Extended_Data = 1b, DARAM4 and DARAM5 are mapped in.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com