Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5441 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5441
Description  Fixed-Point Digital Signal Processor
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5441 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TMS320VC5441 Datasheet HTML 16Page - Texas Instruments TMS320VC5441 Datasheet HTML 17Page - Texas Instruments TMS320VC5441 Datasheet HTML 18Page - Texas Instruments TMS320VC5441 Datasheet HTML 19Page - Texas Instruments TMS320VC5441 Datasheet HTML 20Page - Texas Instruments TMS320VC5441 Datasheet HTML 21Page - Texas Instruments TMS320VC5441 Datasheet HTML 22Page - Texas Instruments TMS320VC5441 Datasheet HTML 23Page - Texas Instruments TMS320VC5441 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 91 page
background image
Introduction
20
December 1999 − Revised October 2008
SPRS122F
Table 2−3. Signal Descriptions (Continued)
NAME
DESCRIPTION
TYPE†
GENERAL-PURPOSE I/O PINS
A_GPIO0/
A_XF
Subsystem A GPIO0/
Subsystem A external flag output
These pins act according to the
B_GPIO0/
B_XF
I/O/Z§
Subsystem B GPIO0/
Subsystem B external flag output
These pins act according to the
general-purpose I/O register. The
x_XF bit must be set to “1” to drive the
C_GPIO0/
C_XF
I/O/Z§
Subsystem C GPIO0/
Subsystem C external flag output
x_XF bit must be set to “1” to drive the
x_XF output on the pin. If x_XF=0,
then these pins are general-purpose
I/Os.
D_GPIO0/
D_XF
Subsystem D GPIO0/
Subsystem D external flag output
I/Os.
A_GPIO1/
A_BIO
Subsystem A GPIO1/
Subsystem A branch control input
These pins act according to the
B_GPIO1/
B_BIO
I/O/Z§
Subsystem B GPIO1/
Subsystem B branch control input
These pins act according to the
general-purpose I/O register. The
x_BIO bit must be set to “1” to drive the
C_GPIO1/
C_BIO
I/O/Z§
Subsystem C GPIO1/
Subsystem C branch control input
x_BIO bit must be set to “1” to drive the
x_BIO
input
into
the
device.
If
x_BIO=0,
then
these
pins
are
general-purpose I/Os.
General-purpose I/O pins (software-
programmable I/O signal). Values
D_GPIO1/
D_BIO
Subsystem D GPIO1/
Subsystem D branch control input
general-purpose I/Os.
programmable I/O signal). Values
can be latched (output) by writing into
the GPIO register. The states of GPIO
A_GPIO2/
A_WTOUT
Subsystem A GPIO2/
Subsystem A watchdog timer output
The watchdog enable (WDEN) bit in
the GPIO register. The states of GPIO
pins (inputs) can be determined by
reading the GPIO register. The GPIO
direction is also programmable by
B_GPIO2/
B_WTOUT
I/O/Z§
Subsystem B GPIO2/
Subsystem B watchdog timer output
The watchdog enable (WDEN) bit in
the
watchdog
timer
register
(WDTSCR) is used to multiplex the
direction is also programmable by
way of the DIRn field in the register.
C_GPIO2/
C_WTOUT
I/O/Z§
Subsystem C GPIO2/
Subsystem C watchdog timer output
(WDTSCR) is used to multiplex the
watchdog timer output and GPIO2. If
WDEN=0,
then
these
pins
are
general-purpose I/Os.
D_GPIO2/
D_WTOUT
Subsystem D GPIO2/
Subsystem D watchdog timer output
general-purpose I/Os.
A_GPIO3/
A_TOUT
Subsystem A GPIO3/
Subsystem A timer output
These pins act according to the
B_GPIO3/
B_TOUT
I/O/Z§
Subsystem B GPIO3/
Subsystem B timer output
These pins act according to the
general-purpose I/O register. The
X_TOUT bit must be set to “1” to drive
C_GPIO3/
C_TOUT
I/O/Z§
Subsystem C GPIO3/
Subsystem C timer output
X_TOUT bit must be set to “1” to drive
the timer output on the pin. If
X_TOUT=0, then these pins are
general-purpose I/Os.
D_GPIO3/
D_TOUT
Subsystem D GPIO3/
Subsystem D timer output
general-purpose I/Os.
† I = Input, O = Output, S = Supply, Z = High Impedance
‡ This pin has an internal bus holder controlled by way of the BSCR register in TMS320C54x cLEAD core of DSP subsystem A.
§ This pin is placed in high-impedance when the EMU1/OFF pin operates as OFF and when EMU1/OFF = 0, this case is exclusively for testing
and emulation purposes.
¶ This pin has an internal pullup resistor.
# These pins are Schmitt triggered inputs.
|| This pin is used by Texas Instruments for device testing and should be left unconnected.
kThis pin has an internal pulldown resistor.
hAlthough this pin includes an internal pulldown resistor, a 470-Ω external pulldown is required. If the TRST pin is connected to multiple DSPs,
a buffer is recommended to ensure the VIL and VIH specifications are met.
NOTE: Pins highlighted in grey indicate the multiplexed function of the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com