Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5441 Datasheet(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5441
Description  Fixed-Point Digital Signal Processor
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5441 Datasheet(HTML) 65 Page - Texas Instruments

Back Button TMS320VC5441 Datasheet HTML 61Page - Texas Instruments TMS320VC5441 Datasheet HTML 62Page - Texas Instruments TMS320VC5441 Datasheet HTML 63Page - Texas Instruments TMS320VC5441 Datasheet HTML 64Page - Texas Instruments TMS320VC5441 Datasheet HTML 65Page - Texas Instruments TMS320VC5441 Datasheet HTML 66Page - Texas Instruments TMS320VC5441 Datasheet HTML 67Page - Texas Instruments TMS320VC5441 Datasheet HTML 68Page - Texas Instruments TMS320VC5441 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 91 page
background image
Electrical Specifications
65
December 1999 − Revised October 2008
SPRS122F
5.3
Electrical Characteristics Over Recommended Operating Case Temperature
Range (Unless Otherwise Noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
High-level output voltage‡
VDD = 3.3 ± 0.3 V, IOH = MAX
2.4
V
VOL
Low-level output voltage‡
IOL = MAX
0.4
V
IIZ
Input current in high impedance
VDD = MAX, VO = VSS to VDD
−10
10
A
IIZ
Input current in high impedance
VDD = MAX, VO = VSS to VDD
−10
10
µA
Input current
TRST
With internal pulldown
10
300
II
Input current
(VI = VSS to VDD)
See pin descriptions
With internal pullups
−300
−10
A
II
(VI = VSS to VDD)
D[15:0], HA[18:0]
Bus holders enabled, VDD = MAX||
−275
275
µA
All other input-only pins
−10
10
IDDC
Supply current, all four core CPUs
CVDD = 1.6 V, fx = 133 MHz§,
TC = 25°C
200¶
mA
IDDP
Supply current, pins
DVDD = 3.3 V, fclock = 133 MHz¶,
TC = 25°C#
40
mA
IDDA
Supply current, PLL
3
mA
IDDC
Supply current, standby
IDLE2
PLL
× n mode, 20 MHz input
10
mA
IDDC
Supply current, standby
IDLE3
PLL x n mode, 20 MHz input
3
mA
Ci
Input capacitance
5
pF
Co
Output capacitance
5
pF
† All values are typical unless otherwise specified.
‡ All input and output voltage levels except x_RS, x_INT, x_NMI, CLKIN, x_BCLKX0, x_BCLKR0, BCLKX2, BCLKR2, HAS, HCS, HDS1, HDS2,
and RESET are LVTTL-compatible.
§ Clock mode: PLL × 1 with external source
¶ This value is based on 50% usage of MAC and 50% usage of NOP instructions. Actual operating current varies with the program being executed.
# This value was obtained using the following conditions: HPI in multiplexed mode with address autoincrement, HPI read, CLKOFF = 0, full-duplex
operation of all 12 McBSPs at a rate of 10 million bits per second each, and 15-pF loads on all outputs. For more details on how this calculation
is performed, refer to the Calculation of TMS320LC54x Power Dissipation Application Report (literature number SPRA164).
|| VIL(MIN) ≤ VI ≤ VIL(MAX) or VIH(MIN) ≤ VI ≤ VIH(MAX)
Tester Pin
Electronics
VLoad
IOL
CT
IOH
Output
Under
Test
50
Ω
Where:
IOL
=
1.5 mA (all outputs)
IOH
=
300
µA (all outputs)
VLoad = 1.6 V
CT
=
20 pF typical load circuit capacitance
Figure 5−1. 3.3-V Test Load Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com