Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5441 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5441
Description  Fixed-Point Digital Signal Processor
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5441 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TMS320VC5441 Datasheet HTML 19Page - Texas Instruments TMS320VC5441 Datasheet HTML 20Page - Texas Instruments TMS320VC5441 Datasheet HTML 21Page - Texas Instruments TMS320VC5441 Datasheet HTML 22Page - Texas Instruments TMS320VC5441 Datasheet HTML 23Page - Texas Instruments TMS320VC5441 Datasheet HTML 24Page - Texas Instruments TMS320VC5441 Datasheet HTML 25Page - Texas Instruments TMS320VC5441 Datasheet HTML 26Page - Texas Instruments TMS320VC5441 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 91 page
background image
Functional Overview
23
December 1999 − Revised October 2008
SPRS122F
3
Functional Overview
The functional overview in this section is based on the overall system block diagram in Figure 3−1 and the
typical subsystem block diagram in Figure 3−2.
GPIO
McBSP0
McBSP1
McBSP2
DSP
Subsystem A
DSP ID: 0000
HPI
XA
PLL
Shared P Bus
McBSP2
McBSP1
McBSP0
GPIO
HPI
DSP
Subsystem C
DSP ID: 0010
Shared P Bus
SA1
DSP
Subsystem B
DSP ID: 0001
GPIO
McBSP0
McBSP1
McBSP2
HPI
DSP ID: 0011
Subsystem D
DSP
GPIO
McBSP0
McBSP1
McBSP2
McBSP1
McBSP2
HPI
SA2
Figure 3−1. Overall Functional Block Diagram
P. C. D. E. Busses and Control Signals
TMS320C54x cLEAD
(Core)
64K-Word
Data DARAM
M Bus
32K-Word
Program/Data
DARAM
M Bus
3
× McBSP
Shared P Bus
M Bus
Timer
DMA
WDTimer
GPIO
HPI
DSP Subsystem
HPI Bus
M Bus
64K-Word
Program DARAM
Figure 3−2. Typical Subsystem Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com