Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6758A Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6758A
Description  DPM - dynamic phase management
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6758A Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6758A Datasheet HTML 3Page - STMicroelectronics L6758A Datasheet HTML 4Page - STMicroelectronics L6758A Datasheet HTML 5Page - STMicroelectronics L6758A Datasheet HTML 6Page - STMicroelectronics L6758A Datasheet HTML 7Page - STMicroelectronics L6758A Datasheet HTML 8Page - STMicroelectronics L6758A Datasheet HTML 9Page - STMicroelectronics L6758A Datasheet HTML 10Page - STMicroelectronics L6758A Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
DocID023298 Rev 2
7/42
L6758A
Pin description and connection diagrams
42
7REF
The reference used for the regulation of the multi-phase section is
available on this pin with -100 mV offset. Connect through an R
REF
-C
REF
to RGND to optimize DVID transitions. Connect through an R
OS
resistor to
FB pin to implement small positive offset to the regulation.
8GDC
Gate drive control pin.
Used for efficiency optimization, see
Section 9 for details. If not used, it
can be left floating.
9
VCC12
+12 V bus monitor to synchronize startup.
The IC waits for the 12 V to become available before implementing soft-
start when enabled. Connect directly to the +12 V bus (i.e. the high-side
MOSFET drain).
10
SVCLK
Serial clock.
11
ALERT#
Alert.
12
SVDATA
Serial data.
13
EN_VTT
VTT level sensitive enable pin (3.3 V compatible).
Pull low to disable the device, pull up above the turn-on threshold to
enable the controller.
14
SPWM /
SEN
PWM output.
Connect to external driver PWM input. During normal operation the device
is able to manage HiZ status by setting and holding the pin to a fixed
voltage defined by PWMx strapping. Connect to VCC5 with 1 k
Ω to
disable single-phase section.
15
VR_HOT
Voltage regulator HOT.
Open drain output; this is an alarm signal asserted by the controller when
the temperature sensed through the TM and or ST pins exceed TMAX
(active low). See
Section 8 for details.
16
SCSP
Single-phase section current sense positive input.
Connect through an R-C filter to the phase-side of the channel 1 inductor.
17
SCSN
Single-phase section current sense negative input.
Connect through an Rg resistor to the output-side of the channel inductor.
Filter the output-side of Rg with 100 nF (typ.) to GND.
18
SIMON
Current monitor output.
A current proportional to the single-phase current is sourced from this pin.
Connect through a resistor R
SIMON
to local GND. When the pin voltage
reaches 1.55 V, overcurrent protection is set and the IC latches. Filtering
through C
SIMON
to GND allows to control the delay for OC intervention.
19
SRGND
Remote ground sense.
Connect to the negative side of the load to perform remote sense.
20
SVSEN
Output voltage monitor, manages OV and UV protection. Connect to the
positive side of the load to perform remote sense.
21
SFB
Error amplifier inverting input.
Connect with a resistor R
SFB
to SVSEN and with an (R
SF
- C
SF
)// C
SP
to
SCOMP.
Table 2. Pin description (continued)
Pin#
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com