Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6758A Datasheet(PDF) 28 Page - STMicroelectronics

Part # L6758A
Description  DPM - dynamic phase management
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6758A Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L6758A Datasheet HTML 24Page - STMicroelectronics L6758A Datasheet HTML 25Page - STMicroelectronics L6758A Datasheet HTML 26Page - STMicroelectronics L6758A Datasheet HTML 27Page - STMicroelectronics L6758A Datasheet HTML 28Page - STMicroelectronics L6758A Datasheet HTML 29Page - STMicroelectronics L6758A Datasheet HTML 30Page - STMicroelectronics L6758A Datasheet HTML 31Page - STMicroelectronics L6758A Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
Output voltage monitoring and protection
L6758A
28/42
DocID023298 Rev 2
7.2
Overcurrent
The overcurrent threshold must be programmed to a safe value, in order to be sure that
each section does not enter OC during normal operation of the device. This value must take
into consideration also the extra current needed during the DVID transition (I
DVID
) and the
process spread and temperature variations of the sensing elements (inductor DCR).
7.2.1
Multi-phase section
The L6758A performs two different types of OC protection for the multi-phase section: it
monitors both the total current and the per-phase current and allows an OC threshold to be
set for both.
•
Per-phase OC
–
Maximum information current per-phase (I
INFOx
) is internally limited to 35
μA. This
end-of-scale current (I
OC_TH
) is compared with the information current generated
for each phase (I
INFOx
). If the current information for the single-phase exceeds the
end-of-scale current (i.e. if I
INFOx
> I
OC_TH
), the device turns on the LS MOSFET
until the threshold is re-crossed (i.e. until I
INFOx
< I
OC_TH
).
•
Total current OC
–
The IMON pin allows a maximum total output current to be defined for the system
(I
OC_TOT
). I
MON
current is sourced from the IMON pin. By connecting a resistor
R
IMON
to SGND, a load indicator with 1.55 V (V
OC_TOT
) end-of-scale can be
implemented. When the voltage present at the ILIM pin crosses V
OC_TOT
, the
device detects an OC and immediately latches with all the MOSFETs of all the
sections OFF (HiZ).
Typical design considers the intervention of the total current OC before the per-phase OC,
leaving this last one as an extreme-protection in case of hardware failures in the external
components. Total current OC is dependant on the IMON design and on the application
TDC and MAX current supported. The typical design flow is the following:
–
Define the maximum total output current (I
OC_TOT
) according to system
requirements (I
MAX
, I
TDC
). Considering I
MON
design, I
MAX
must correspond to 1.24
V (for correct IMAX detection) so, I
OC_TOT
results as defined, as a consequence:
–
Design per-phase OC and RG resistor in order to have IINFOx = IOC_TH (35 mA)
when IOUT is about 10% higher than the IOC_TOT current. It results:
where N is the number of phases and DCR the DC resistance of the inductors. R
G
should be designed in worst-case conditions.
–
Design the total current OC and R
IMON
in order to have the IMON pin voltage to
1.24 V at the I
MAX
current specified by the design. It results:
I
OC_TOT
I
MA X
1.55
⋅
1.24
⁄
=
R
G
1.1
I
OC_TOT
⋅
() DCR
⋅
NI
⋅
OCT H
--------------------------------------------------------
=
R
IMON
1.24 V
R
G
⋅
I
MA X
DC R
⋅
------------------------------
=
I
MON
DC R
R
G
------------- I
OU T
⋅
=





Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com