Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6758A Datasheet(PDF) 23 Page - STMicroelectronics

Part # L6758A
Description  DPM - dynamic phase management
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6758A Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L6758A Datasheet HTML 19Page - STMicroelectronics L6758A Datasheet HTML 20Page - STMicroelectronics L6758A Datasheet HTML 21Page - STMicroelectronics L6758A Datasheet HTML 22Page - STMicroelectronics L6758A Datasheet HTML 23Page - STMicroelectronics L6758A Datasheet HTML 24Page - STMicroelectronics L6758A Datasheet HTML 25Page - STMicroelectronics L6758A Datasheet HTML 26Page - STMicroelectronics L6758A Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
DocID023298 Rev 2
23/42
L6758A
Output voltage positioning
42
into a voltage that, with a proper gain, is used to adjust the duty cycle whose dominant value
is set by the voltage error amplifier in order to equalize the current carried by each phase.
6.3
Multi-phase section: defining load-line
The L6758A introduces a dependence of the output voltage on the load current recovering
part of the drop due to the output capacitor ESR in the load transient. Introducing a
dependence of the output voltage on the load current, a static error, proportional to the
output current, causes the output voltage to vary according to the sensed current.
Figure 6 shows the current sense circuit used to implement the load-line. The current
flowing across the inductor(s) is read through the R-C filter across the CSxP and CSxN pins.
R
G
programs a trans-conductance gain and generates a current I
CSx
proportional to the
current of the phase. The sum of the I
CSx
current is then sourced by the FB pin (I
DROOP
).
R
FB
gives the final gain to program the desired load-line slope (
Figure 5).
Time constant matching between the inductor (L / DCR) and the current reading filter (RC) is
required to implement a real equivalent output impedance of the system and so avoiding
over and/or undershoot of the output voltage as a consequence of a load transient. The
output voltage characteristic vs. load current is then given by:
Equation 3
where R
LL
is the resulting load-line resistance implemented by the multi-phase section.
The R
FB
resistor can be then designed according to the R
LL
specifications as follows:
Equation 4
6.4
Multi-phase section: IMON information
IMON is the analog information related to the current delivered by the VR which has a
voltage digitized for VR12 current reporting. The pin sources a copy of the droop current:
Equation 5
See
Section 6.2 for details about current reading.
V
OU T
VI D
R
FB
I
DR OOP
⋅
–
VI D
R
FB
DC R
R
G
------------- I
OU T
⋅⋅
–
VID
R
LL
I
OUT
⋅
–
==
=
R
FB
R
LL
R
G
DC R
-------------
⋅
=
I
MON
I
DR OOP
DC R
R
G
------------- I
OU T
⋅
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com