Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6758A Datasheet(PDF) 32 Page - STMicroelectronics

Part # L6758A
Description  DPM - dynamic phase management
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6758A Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L6758A Datasheet HTML 28Page - STMicroelectronics L6758A Datasheet HTML 29Page - STMicroelectronics L6758A Datasheet HTML 30Page - STMicroelectronics L6758A Datasheet HTML 31Page - STMicroelectronics L6758A Datasheet HTML 32Page - STMicroelectronics L6758A Datasheet HTML 33Page - STMicroelectronics L6758A Datasheet HTML 34Page - STMicroelectronics L6758A Datasheet HTML 35Page - STMicroelectronics L6758A Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
Efficiency optimization
L6758A
32/42
DocID023298 Rev 2
9
Efficiency optimization
As per VR12 specifications, the SVI master may define different power states for the VR
controller. This is performed by SetPS commands. The L6758A re-configures itself to
improve overall system efficiency according to
Table 14.
9.1
Dynamic phase management (DPM)
Dynamic phase management allows the number of working phases to be adjusted
according to the delivered current still maintaining the benefits of the multi-phase regulation.
Phase number is reduced by monitoring the voltage level across the IMON pin: the L6758A
reduces the number of working phases according to the strategy defined by the DPM
pinstrapping, see
Table 11.
The current at which the transition happens (I
DPM
) can be estimated as:
Equation 11
where V
DPM
thresholds are defined in
Table 15. A hysteresis (50 mV typ.) is provided for
each threshold in order to avoid multiple DPM actions triggering in steady load conditions.
When DPM is enabled, L6758A starts monitoring the IMON voltage for phase number
modifications after VR_RDY has transition high: the soft-start is then implemented in
interleaving mode with all the available phases enabled.
DPM is reset in case of a Set VID command that affects the CORE section and when LTB
Technology detects a load transient. After being reset, if the voltage across IMON is
compatible, DPM is re-enabled after proper delay.
Table 14. Efficiency optimization
Feature
PS00h
PS01h
DPM
According to pinstrapping
Active. 1phase/2phase according to Iout
VFDE
Active when in single-phase and
DPM enabled
Active when in single-phase
GDC
12 V driving
GDC set to 5 V
Table 15. VDPM Thresholds (IMON rising-50 mV Hyst)
Comp/Scomp
DPM threshold set
1/2 phase transition
2/N phase transition
33 k to GND
Set 3
Vimon=200 mV
Vimon=350 mV
17.5 k to GND
Set 2
Vimon=150 mV
Vimon=275 mV
12.5 k to GND
Set 1
n/a
Vimon=150 mV
5.6 k to GND
OFF
n/a
n/a
I
DP M
V
DP M
R
IMON
----------------
R
G
DC R
-------------
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com