Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6758A Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6758A
Description  DPM - dynamic phase management
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6758A Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6758A Datasheet HTML 10Page - STMicroelectronics L6758A Datasheet HTML 11Page - STMicroelectronics L6758A Datasheet HTML 12Page - STMicroelectronics L6758A Datasheet HTML 13Page - STMicroelectronics L6758A Datasheet HTML 14Page - STMicroelectronics L6758A Datasheet HTML 15Page - STMicroelectronics L6758A Datasheet HTML 16Page - STMicroelectronics L6758A Datasheet HTML 17Page - STMicroelectronics L6758A Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
Electrical specifications
L6758A
14/42
DocID023298 Rev 2
IMON ADC
GetReg(15h)
V
IMON
= 0.992 V
CC
Hex
Accuracy
C0
CF
Hex
PWM outputs and ENDRV
PWMx,
SPWM
Output high
I = 1 mA
5
V
Output low
I = -1 mA
0.2
V
I
PWM1
Test current
Sourced from pin, EN_VTT=0.
10
μA
I
PWM2
Test current
0
μA
I
PWMx, SPWM
Test current
Sourced from pin, EN_VTT=0.
-10
μA
(S) ENDRV
Voltage low
I
(S)ENDRV
= -4 mA; both sections
0.4
V
Protections (both sections)
OVP
Overvoltage protection
VSEN rising; wrt Ref.
+125
+200
mV
UVP
Undervoltage protection
VSEN falling; wrt Ref; Ref > 500 mV
-525
-375
mV
FBR Disc
FB disconnection
V
CS-
rising, above VSEN/SVSEN
650
700
750
mV
FBG Disc
FBG disconnection
EA NI input wrt VID
450
500
550
mV
VR_RDY,
SVR_RDY
Voltage low
I = -4 mA
0.4
V
V
OC_TOT
Overcurrent threshold
V
IMON
, V
SIMON
rising
1.50
1.55
1.60
V
I
OC_TH
Constant current
MPhase only
35
μA
VR_HOT
Voltage low
I
SINK
= -5 mA
13
Ω
GATE DRIVE CONTROL
GDC
Max. current
Any PS.
200
mA
Impedance
PS00h (GDC=VCC12)
6
Ω
> PS00h; (GDC=VCC5)
6
Ω
Table 5. Electrical characteristics (VCC = 5 V ± 5%, TJ = 0 °C to 70 °C unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com