Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6758A Datasheet(PDF) 31 Page - STMicroelectronics

Part # L6758A
Description  DPM - dynamic phase management
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6758A Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L6758A Datasheet HTML 27Page - STMicroelectronics L6758A Datasheet HTML 28Page - STMicroelectronics L6758A Datasheet HTML 29Page - STMicroelectronics L6758A Datasheet HTML 30Page - STMicroelectronics L6758A Datasheet HTML 31Page - STMicroelectronics L6758A Datasheet HTML 32Page - STMicroelectronics L6758A Datasheet HTML 33Page - STMicroelectronics L6758A Datasheet HTML 34Page - STMicroelectronics L6758A Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
DocID023298 Rev 2
31/42
L6758A
Single NTC thermal monitor and compensation
42
8.2
Thermal compensation
The L6758A supports DCR sensing for output voltage positioning: the same current
information used for voltage positioning is used to define the overcurrent protection and the
current reporting (register 15h in SVI). Having imprecise and temperature-dependant
information leads to a violation of the specifications and misleading information returned to
the SVI master: positive thermal coefficient specific to DCR must be compensated to obtain
stable behavior of the converter as temperature increases. Uncompensated systems show
temperature dependencies on the regulated voltage, overcurrent protection and current
reporting (register 15h).
The temperature information available on the TM pin and used for the thermal monitor may
be used also for this purpose. By comparing the voltage on the TM pin with the voltage
present on the TCOMP pin, the L6758A corrects the I
DROOP
current used for voltage
positioning (see
Section 6.3), therefore recovering the DCR temperature deviation.
Depending on NTC location and distance from the inductors and the available airflow, the
correlation between NTC temperature and DCR temperature may be different: TCOMP
adjustments allow the gain between the sensed temperature and the correction made upon
the I
DROOP
current to be modified.
Short TCOMP to GND to disable thermal compensation (no correction is given to I
DROOP
).
The same behavior also applies to the single-phase section (STM/STCOMP pins involved).
8.3
TM and TCOMP design
This procedure applies to both single-phase and multi-phase sections.
1.
Properly choose the resistive network to be connected to the TM pin. The
recommended values/network is reported in
Figure 8.
2.
Connect voltage generator to the TCOMP pin (default value 3.3 V).
3.
Power on the converter and load the thermal design current (TDC) with the desired
cooling conditions. Record the output voltage regulated as soon as the load is applied.
4.
Wait for thermal steady-state. Adjust down the voltage generator on the TCOMP pin in
order to get the same output voltage recorded at point #3.
5.
Design the voltage divider connected to TCOMP (between VCC5 and GND) in order to
get the same voltage set to TCOMP at point #4.
6.
Repeat the test with the TCOMP divider designed at point #5 and verify the thermal
drift is acceptable. In the case of positive drift (i.e. output voltage at thermal steady-
state is bigger than output voltage immediately after loading TDC current), change the
divider at the TCOMP pin in order to reduce the TCOMP voltage. In the case of
negative drift (i.e. output voltage at thermal steady-state is smaller than output voltage
immediately after loading TDC current), change the divider at the TCOMP pin in order
to increase the TCOMP voltage.
7.
The same procedure can be implemented with a variable resistor in place of one of the
resistors of the divider. In this case, once the compensated configuration is found,
simply replace the variable resistor with a resistor of the same value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com