Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6758A Datasheet(PDF) 21 Page - STMicroelectronics

Part # L6758A
Description  DPM - dynamic phase management
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6758A Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L6758A Datasheet HTML 17Page - STMicroelectronics L6758A Datasheet HTML 18Page - STMicroelectronics L6758A Datasheet HTML 19Page - STMicroelectronics L6758A Datasheet HTML 20Page - STMicroelectronics L6758A Datasheet HTML 21Page - STMicroelectronics L6758A Datasheet HTML 22Page - STMicroelectronics L6758A Datasheet HTML 23Page - STMicroelectronics L6758A Datasheet HTML 24Page - STMicroelectronics L6758A Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
DocID023298 Rev 2
21/42
L6758A
Output voltage positioning
42
6
Output voltage positioning
Output voltage positioning is performed by selecting the controller operative-mode (
CPU,
VSA and GFX) for the two sections and by programming the droop function effect (see
Figure 5). The controller reads the current delivered by each section by monitoring the
voltage drop across the DCR inductors. The current (I
DROOP
/ I
SDROOP
) sourced from the
FB / SFB pins, directly proportional to the read current, causes the related section output
voltage to vary according to the external R
FB
/ R
SFB
resistor, therefore implementing the
desired load-line effect.
The L6758A embeds a dual remote-sense buffer to sense remotely the regulated voltage of
each section without any additional external components. In this way, the output voltage
programmed is regulated compensating for board and socket losses. Keeping the sense
traces parallel and guarded by a power plane results in common mode coupling for any
picked-up noise.
Figure 5. Voltage positioning
6.1
Multi-phase section: phase # programming
The multi-phase section implements a flexible two-to-four interleaved-phase converter. To
program the desired number of phases, pull up to VCC5 the PWMx signal that is not
required to be used, according to
Table 6.
Caution:
For the disabled phase(s), the current reading pins must be properly connected to avoid
errors in current sharing and voltage positioning: CSxP must be connected to the regulated
output voltage while CSxN must be connected to CSxP through the same R
G
resistor used
for the active phases.
AM11138v1
REFERENCE
FB
COMP
VSEN
RGND
RF
CF
RFB
To VddCORE
(Remote Sense)
Protection
Monitor
from DAC...
ROS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com