Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6758A Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6758A
Description  DPM - dynamic phase management
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6758A Datasheet(HTML) 5 Page - STMicroelectronics

  L6758A Datasheet HTML 1Page - STMicroelectronics L6758A Datasheet HTML 2Page - STMicroelectronics L6758A Datasheet HTML 3Page - STMicroelectronics L6758A Datasheet HTML 4Page - STMicroelectronics L6758A Datasheet HTML 5Page - STMicroelectronics L6758A Datasheet HTML 6Page - STMicroelectronics L6758A Datasheet HTML 7Page - STMicroelectronics L6758A Datasheet HTML 8Page - STMicroelectronics L6758A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
DocID023298 Rev 2
5/42
L6758A
Typical application circuit and block diagram
42
1.2
Block diagram
Figure 2. Block diagram
AM11135v1
PWM4
PWM3
PWM2
PWM1
PWM1
PWM2
PWM3
PWM4
LTB Technology
Modulator
& Frequency Limiter
Ramp & Clock
Generator
with VFDE
S
S
S
S
Current Balance
& Peak Curr Limit
Thermal
Compensation
and Gain adjust
CS1P
CS1N
CS2P
CS2N
CS3P
CS3N
CS4P
CS4N
LTB
ERROR
AMPLIFIER
TM
TCOMP
VR_HOT
IMON
IDROOP
FB
REF
COMP
SVDATA
ALERT#
SVCLK
IMON
Dual DAC & Ref
Generator
VR12 Registers
SIMAX / TMAX
IMAX / SDRP
BOOT
ADDR / DPM
FBG
VSEN
OV
+175mV
MultiPhase
Fault Manager
OC
SREF
Thermal Sensor
and Monitor
TempZone
Chan #
N
1.1V
LTB Technology
Modulator
& Frequency Limiter
Ramp & Clock
Generator
withVFDE
SOSC
SPWM
SPWM
DDR3
ERROR
AMPLIFIER
ISMON
ISDROOP
1.1V
SFB
SREF
SCOMP
SIMON
SFBG
SVSEN
SOV
+175mV
SOC
SREF
1.1V
SinglePhase
Fault Manager
FLT
To MultiPhase FLT Manage
SFLT
SFLT
Differential
Current Sense
SCSP
SCSN
Start-up Logic
& GDC Control
VCC12
VCC5
SENDRV
ENDRV
S_EN
EN
S_EN
L6758
VSEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com