Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6758A Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6758A
Description  DPM - dynamic phase management
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6758A Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6758A Datasheet HTML 9Page - STMicroelectronics L6758A Datasheet HTML 10Page - STMicroelectronics L6758A Datasheet HTML 11Page - STMicroelectronics L6758A Datasheet HTML 12Page - STMicroelectronics L6758A Datasheet HTML 13Page - STMicroelectronics L6758A Datasheet HTML 14Page - STMicroelectronics L6758A Datasheet HTML 15Page - STMicroelectronics L6758A Datasheet HTML 16Page - STMicroelectronics L6758A Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
DocID023298 Rev 2
13/42
L6758A
Electrical specifications
42
EN_VTT
Turn-ON
V
ENVTT
rising
0.6
V
Turn-OFF
V
ENVTT
falling
0.4
V
Leakage current
1
μA
SVI serial bus
SVCLCK,
SVDATA
Input high
0.6
V
Input low
0.4
V
SVDATA,
ALERT#
Voltage low (ACK)
I
SINK
= -5 mA
50
mV
Reference and current reading
k
VID
V
OUT
accuracy (MPhase)
I
OUT
=0 A; N=4; R
G
=1 k
Ω;
R
FB
=2.125 k
Ω; VID > 1.000 V
-0.5
-
0.5
%
k
SVID
V
OUT
accuracy (SPhase)
I
OUT
=0 A; R
G
=1.3 k
Ω; R
FB
=6.663
k
Ω; VID > 1.000 V
-0.5
-
0.5
%
k
VID
, k
SVID
V
OUT
accuracy
VID = 0.8 V to 1 V
-5
-
5
mV
VID < 0.8 V
-8
-
8
mV
Δ
DROOP
LL accuracy (MPhase)
0 to full load
I
INFOx
=0; N=4;
R
G
=1 k
Ω; R
FB
=2.125 k
Ω
-2
-
2
μA
I
INFOx
= 25
μA; N=4;
R
G
=1 k
Ω; R
FB
=2.125 k
Ω
-3.5
-
3.5
μA
Δ
SDROOP
LL accuracy (SPhase)
0 to full load
I
SCSN
=0;
R
G
=1.3 k
Ω; R
FB
=6.663 k
Ω
-0.75
-
0.75
μA
I
SCSN
= 25
μA;
R
G
=1.3 k
Ω; R
FB
=6.663 k
Ω
-1.5
-
1.5
μA
k
IMON
IMON accuracy (MPhase)
I
INFOx
=0
μA; N=4;
R
G
=1 k
Ω; R
FB
=2.125 k
Ω
01.5
μA
I
INFOx
=25
μA; N=4;
R
G
=1 k
Ω; R
FB
=2.125 k
Ω
-2
-
2
μA
k
SIMON
SIMON accuracy
(SPhase)
I
SCSN
=25
μA;
R
G
=1.3 k
Ω; R
FB
=6.663 k
Ω
00.75
μA
I
SCSN
=25
μA;
R
G
=1.3 k
Ω; R
FB
=6.663 k
Ω
-1
-
1
μA
A
0
EA DC gain
100
dB
SR
Slew rate
COMP to SGND = 10 pF
20
V/
μs
DVID
Slew rate fast
Multi-phase section
20
mV/
μs
Slew rate slow
5
mV/
μs
DVID
Slew rate fast
Single-phase sections
10
mV/
μs
Slew rate slow
2.5
mV/
μs
Table 5. Electrical characteristics (VCC = 5 V ± 5%, TJ = 0 °C to 70 °C unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com