Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6758A Datasheet(PDF) 29 Page - STMicroelectronics

Part # L6758A
Description  DPM - dynamic phase management
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6758A Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L6758A Datasheet HTML 25Page - STMicroelectronics L6758A Datasheet HTML 26Page - STMicroelectronics L6758A Datasheet HTML 27Page - STMicroelectronics L6758A Datasheet HTML 28Page - STMicroelectronics L6758A Datasheet HTML 29Page - STMicroelectronics L6758A Datasheet HTML 30Page - STMicroelectronics L6758A Datasheet HTML 31Page - STMicroelectronics L6758A Datasheet HTML 32Page - STMicroelectronics L6758A Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
DocID023298 Rev 2
29/42
L6758A
Output voltage monitoring and protection
42
where I
MAX
is max. current requested by the processor (see Intel docs for details).
–
Adjust the defined values according to the bench test of the application.
–C
IMON
in parallel to R
IMON
can be added with proper time constant to prevent false
OC tripping.
Note:
This is the typical design flow. Custom design and specifications may require different
settings and ratios between the per-phase OC threshold and the total current OC threshold.
Applications with big ripple across inductors may be required to set per-phase OC to values
different than 110%: design flow should be modified accordingly.
7.2.2
Overcurrent and power states
When the controller receives an SetPS command through the SVI interface, it automatically
changes the number of working phases. In particular, the maximum number of phases
which the L6758A may work in >PS00h is limited to 2 phases regardless of the number N
configured in PS00h. The OC level is then scaled as the controller enters >PS00h, as per
Table 13.
7.2.3
Single-phase section
The single-phase section features the same protection as the multi-phase section. All the
previous relationships remain applicable upon updating variables, referencing them to the
single-phase section and considering it is working in single-phase.
Table 13. Multi-phase section OC scaling and power states
N (active phases in PS00h)
OC level in PS00h
OC level in PS01h, PS02h
4
1.550 V
0.800 V
3
1.050 V
2
1.550 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com