Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6758A Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6758A
Description  DPM - dynamic phase management
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6758A Datasheet(HTML) 1 Page - STMicroelectronics

  L6758A Datasheet HTML 1Page - STMicroelectronics L6758A Datasheet HTML 2Page - STMicroelectronics L6758A Datasheet HTML 3Page - STMicroelectronics L6758A Datasheet HTML 4Page - STMicroelectronics L6758A Datasheet HTML 5Page - STMicroelectronics L6758A Datasheet HTML 6Page - STMicroelectronics L6758A Datasheet HTML 7Page - STMicroelectronics L6758A Datasheet HTML 8Page - STMicroelectronics L6758A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
This is information on a product in full production.
July 2013
DocID023298 Rev 2
1/42
L6758A
High performance (4+1) dual controller for the VR12
Datasheet - production data
Features
• VR12 compliant with 25 MHz SVID bus rev 1.5
–
serialVID with programmable IMAX, TMAX,
VBOOT, ADDRESS
• Second generation LTB Technology™
• Dual controller:
–
two-to-four phase for core
–
1 phase for graphics (GFX) or system
agent (VSA)
• Single NTC design for TM, LL and IMON
thermal compensation (for each section)
• VFDE and GDC - gate drive control for
efficiency optimization
• DPM - dynamic phase management
• Dual remote sense
• 0.5% output voltage accuracy
• Fully-differential current sense across DCR
• AVP - adaptive voltage positioning
• Dual independent adjustable oscillator
• Dual current monitor
• Pre-biased output management
• 5 V supply, 12 V monitor
• Average and per-phase OC protection
• OV, UV and FB disconnection protection
• Dual VR_RDY
• VFQFPN48 6x6 mm package
Applications
• High-current VRM / VRD for desktops / servers
/ workstations / new generation CPUs
Description
L6758A is a dual controller designed to
power Intel
®
VR12 processors: all required
parameters are programmable through dedicated
pinstrapping.
The device features two-to-four phase
programmable operation for multi-phase sections
and a single-phase with independent control
loops. Both sections feature second generation
LTB Technology to provide fast load transient
response, minimizing and optimizing the output
filter composition.
The L6758A supports power state transitions
featuring VFDE, programmable DPM and GDC,
maintaining the best efficiency over all loading
conditions without compromising transient
responses. The device assures fast and
independent protection against load overcurrent,
under/overvoltage and feedback disconnections.
The device is available in VFQFPN48 package.
VFQFPN48 - 6x6 mm
Table 1. Device summary
Order code
Package
Packaging
L6758A
VFQFPN48 6x6 mm
Tray
L6758ATR
VFQFPN48 6x6 mm
Tape and
reel
www.st.com


Similar Part No. - L6758A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L675 ETC2-L675 Datasheet
159Kb / 1P
PANEL FUSEHOLDER BARRIER & PANEL SEALED
logo
STMicroelectronics
L6750 STMICROELECTRONICS-L6750 Datasheet
49Kb / 3P
2 to 5 phase controller with LTB technology for VR11.x and AMD6bit CPUs featuring I2C interface
14-Feb-2008
L6750TR STMICROELECTRONICS-L6750TR Datasheet
49Kb / 3P
2 to 5 phase controller with LTB technology for VR11.x and AMD6bit CPUs featuring I2C interface
14-Feb-2008
L6751 STMICROELECTRONICS-L6751 Datasheet
861Kb / 59P
Digitally controlled dual PWM for Intel VR12 and AMD SVI
29-Nov-2012
L6751B STMICROELECTRONICS-L6751B Datasheet
965Kb / 58P
Digitally controlled dual PWM for Intel VR12 and AMD SVI
07-Dec-2012
More results

Similar Description - L6758A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6919C STMICROELECTRONICS-L6919C Datasheet
558Kb / 32P
5 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
Dec-2002
L6710 STMICROELECTRONICS-L6710 Datasheet
1Mb / 34P
6 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
Mar-2004
L6919E STMICROELECTRONICS-L6919E Datasheet
606Kb / 33P
5 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
Sep-2003
logo
Analog Devices
AD2022 AD-AD2022_15 Datasheet
2Mb / 6P
LINE POWERED FUNCTIONAL DPM
AD2023 AD-AD2023_15 Datasheet
1Mb / 4P
3 Digit DPM Module
logo
Gennum Corporation
GX4002 GENNUM-GX4002 Datasheet
3Mb / 74P
Dynamic on-chip power management control
logo
STMicroelectronics
L6717A STMICROELECTRONICS-L6717A Datasheet
1Mb / 57P
Dynamic phase management
22-Apr-2013
logo
uPI Group Inc.
UP6636Q UPI-UP6636Q Datasheet
963Kb / 42P
High Efficiency PMIC with Dynamic Voltage Management
UP6641Q UPI-UP6641Q Datasheet
1Mb / 48P
High Efficiency PMIC with Dynamic Voltage Management
logo
PUI audio inc.
ASE02506MS-LW90-DSM-R PUIAUDIO-ASE02506MS-LW90-DSM-R Datasheet
341Kb / 4P
Dynamic Speaker Management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com