Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6758A Datasheet(PDF) 25 Page - STMicroelectronics

Part # L6758A
Description  DPM - dynamic phase management
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6758A Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L6758A Datasheet HTML 21Page - STMicroelectronics L6758A Datasheet HTML 22Page - STMicroelectronics L6758A Datasheet HTML 23Page - STMicroelectronics L6758A Datasheet HTML 24Page - STMicroelectronics L6758A Datasheet HTML 25Page - STMicroelectronics L6758A Datasheet HTML 26Page - STMicroelectronics L6758A Datasheet HTML 27Page - STMicroelectronics L6758A Datasheet HTML 28Page - STMicroelectronics L6758A Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
DocID023298 Rev 2
25/42
L6758A
Output voltage positioning
42
6.7
Dynamic VID transition support
The L6758A manages dynamic VID transitions that allow the output voltage of both sections
to be modified during normal device operation for power management purposes. OV, UV
signals are masked during every DVID transition and they are re-activated with proper delay
to prevent from false triggering.
When changing dynamically the regulated voltage (DVID), the system needs to charge or
discharge the output capacitor accordingly. This means that an extra-current I
DVID
needs to
be delivered (especially when increasing the output regulated voltage) and it must be
considered when setting the overcurrent threshold of both sections. This current results:
Equation 9
where dV
OUT
/ dT
VID
depends on the specific command issued (20 mV/
μsec. for
SetVID_Fast and 5 mV/
μsec. for SetVID_Slow).
Overcoming the OC threshold during the dynamic VID causes the device to latch and
disable.
As soon as the controller receives a new valid command to set the VID level for one (or
both) of the two sections, the reference of the involved section steps up or down according
to the target-VID with the programmed slope until the new code is reached. If a new valid
command is issued during the transition, the device updates the target-VID level and
performs the dynamic transition up to the new code. OV, UV are masked during the
transition and re-activated with proper delay after the end of the transition to prevent from
false triggering.
6.8
DVID optimization: REF/SREF
High slew rate for dynamic VID transitions cause overshoot and undershoot on the
regulated voltage causing a violation in the microprocessor requirement. To compensate
this behavior and to remove any over/undershoot in the transition, each section features
DVID optimization circuit.
The reference used for the regulation is available on the REF/SREF pin (see
Figure 7).
Connect an R
REF
/C
REF
to GND (R
SREF
/ C
SREF
for the single-phase) to optimize the DVID
behavior. Components may be designed as follows (multi-phase, same equations apply to
single-phase):
Equation 10
where
ΔVosc is the PWM ramp and k
V
the gain for the voltage loop (see
Section 11).
During a DVID transition, the REF pin moves according to the command issued
(SetVIDFast, SetVIDSlow); the current requested to charge/discharge the R
REF
/C
REF
I
DVID
C
OU T
dV
OU T
dT
VI D
------------------
⋅
=
C
RE F
C
F
1
ΔV
OS C
k
V
V
IN
⋅
--------------------
–


⋅
=
R
RE F
R
F
C
F
⋅
C
RE F
-------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com