Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6758A Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6758A
Description  DPM - dynamic phase management
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6758A Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6758A Datasheet HTML 6Page - STMicroelectronics L6758A Datasheet HTML 7Page - STMicroelectronics L6758A Datasheet HTML 8Page - STMicroelectronics L6758A Datasheet HTML 9Page - STMicroelectronics L6758A Datasheet HTML 10Page - STMicroelectronics L6758A Datasheet HTML 11Page - STMicroelectronics L6758A Datasheet HTML 12Page - STMicroelectronics L6758A Datasheet HTML 13Page - STMicroelectronics L6758A Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
Pin description and connection diagrams
L6758A
10/42
DocID023298 Rev 2
40
SVR_RDY
VR ready. Open drain output set free after SS has finished in single-phase
section and pulled low when triggering any protection. Pull up to a voltage
lower than 3.3 V (typ.), if not used it can be left floating.
41
CS4P
Channel 4 current sense positive input.
Connect through an R-C filter to the phase-side of the channel 4 inductor.
When working at 2 or 3 phases, short to the regulated voltage.
42
CS4N
Channel 4 current sense negative input.
Connect through an Rg resistor to the output-side of the channel inductor.
When working at 2 or 3 phases, still connect through Rg to CS4+ and then
to the regulated voltage. Filter the output-side of Rg with 100 nF (typ.) to
GND.
43
CS2P
Channel 2 current sense positive input.
Connect through an R-C filter to the phase-side of the channel 2 inductor.
44
CS2N
Channel 2 current sense negative input.
Connect through an Rg resistor to the output-side of the channel inductor.
Filter the output-side of Rg with 100 nF (typ.) to GND.
45
CS3P
Channel 3 current sense positive input.
Connect through an R-C filter to the phase-side of the channel 3 inductor.
When working at 2 phases, short to the regulated voltage.
46
CS3N
Channel 3 current sense negative input.
Connect through an Rg resistor to the output-side of the channel inductor.
When working at 2 phases, still connect through Rg to CS3P and then to
the regulated voltage. Filter the output-side of Rg with 100 nF (typ.) to
GND.
47
CS1P
Channel 1 current sense positive input.
Connect through an R-C filter to the phase-side of the channel 1 inductor.
48
CS1N
Channel 1 current sense negative input.
Connect through an Rg resistor to the output-side of the channel inductor.
Filter the output-side of Rg with 100 nF (typ.) to GND.
PAD
GND
GND connection. All internal references and logic are referenced to this
pin. Filter to VCC with proper MLCC capacitor and connect to the PCB
GND plane.
Table 2. Pin description (continued)
Pin#
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com