Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6758A Datasheet(PDF) 22 Page - STMicroelectronics

Part # L6758A
Description  DPM - dynamic phase management
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6758A Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L6758A Datasheet HTML 18Page - STMicroelectronics L6758A Datasheet HTML 19Page - STMicroelectronics L6758A Datasheet HTML 20Page - STMicroelectronics L6758A Datasheet HTML 21Page - STMicroelectronics L6758A Datasheet HTML 22Page - STMicroelectronics L6758A Datasheet HTML 23Page - STMicroelectronics L6758A Datasheet HTML 24Page - STMicroelectronics L6758A Datasheet HTML 25Page - STMicroelectronics L6758A Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
Output voltage positioning
L6758A
22/42
DocID023298 Rev 2
6.2
Multi-phase section: current reading and current sharing
loop
The L6758A embeds a flexible, fully-differential current sense circuitry that is able to read
across inductor parasitic resistance or across a sense resistor placed in series to the
inductor element. The fully-differential current reading rejects noise and allows the placing
of sensing elements in different locations without affecting the measurement accuracy. The
trans-conductance ratio is issued by the external resistor R
G
placed outside the chip
between the CSxN pin toward the reading points. The current sense circuit always tracks
the current information, the CSxP pin is used as a reference keeping the CSxN pin to this
voltage. To correctly reproduce the inductor current an R-C filtering network must be
introduced in parallel to the sensing element. The current that flows from the CSxN pin is
then given by the following equation (see
Figure 6):
Equation 1
Considering now to match the time constant between the inductor and the R-C filter applied
(time constant mismatches cause the introduction of poles into the current reading network
causing instability. In addition, it is also important for the load transient response and to let
the system show resistive equivalent output impedance), it results:
Equation 2
Figure 6. Current reading
The current read through the CSxP / CSxN pairs is converted into a current I
INFOx
proportional to the current delivered by each phase and the information about the average
current I
AVG
=
ΣI
INFOx
/ N is internally built into the device (N is the number of working
phases). The error between the read current I
INFOx
and the reference I
AVG
is then converted
I
CSxN
DC R
R
G
-------------
1s
L
D C R
⁄
⋅
+
1s
R
C
⋅⋅
+
-------------------------------------- I
⋅
PH AS Ex
⋅
=
L
DC R
-------------
RC
I
CSxN
R
L
R
G
-------- I
PH ASE x
⋅
=
⋅
I
IN F O x
==
Lx
CSxP
CSxN
DCRx
R
C
RG
I
PHASEx
Inductor DCR Current Sense
ICSxN=IINFOx
V
OUT
AM11139v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com