Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560B50x Datasheet(PDF) 55 Page - STMicroelectronics

Part # SPC560B50x
Description  Up to 60 DMIPs operation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560B50x Datasheet(HTML) 55 Page - STMicroelectronics

Back Button SPC560B50x Datasheet HTML 51Page - STMicroelectronics SPC560B50x Datasheet HTML 52Page - STMicroelectronics SPC560B50x Datasheet HTML 53Page - STMicroelectronics SPC560B50x Datasheet HTML 54Page - STMicroelectronics SPC560B50x Datasheet HTML 55Page - STMicroelectronics SPC560B50x Datasheet HTML 56Page - STMicroelectronics SPC560B50x Datasheet HTML 57Page - STMicroelectronics SPC560B50x Datasheet HTML 58Page - STMicroelectronics SPC560B50x Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 116 page
background image
DocID14619 Rev 13
55/116
SPC560B40x/50x, SPC560C40x/50x
Package pinouts and signal descriptions
115
2
22
PB[9]
1%
1%
1%
1%
PB[8]
1%
1%
1%
1%
PB[10]
6%
7%
6%
7%
PF[0]
6%
7%
PF[1]
7%
8%
PF[2]
7%
8%
PF[3]
7%
9%
PF[4]
8%
9%
PF[5]
8%
10%
PF[6]
8%
10%
PF[7]
9%
10%
2
PD[0]
1%
1%
PD[1]
1%
1%
PD[2]
1%
1%
PD[3]
1%
1%
PD[4]
1%
1%
PD[5]
1%
1%
PD[6]
1%
1%
PD[7]
1%
1%
PD[8]
1%
1%
2
PB[4]
1%
1%
1%
1%
PB[5]
1%
1%
1%
2%
PB[6]
1%
1%
1%
2%
PB[7]
1%
1%
1%
2%
PD[9]
1%
1%
PD[10]
1%
1%
PD[11]
1%
1%
——
——
2
PB[11]
11%
—13%
—17%
—21%
PD[12]
11%
13%
2
PB[12]
11%
—13%
—18%
—21%
PD[13]
10%
12%
Table 24. I/O weight(1) (continued)
Supply segment
Pad
LQFP144/LQFP100
LQFP64(2)
Weight 5 V
Weight 3.3 V
Weight 5 V
Weight 3.3 V
LQFP
144
LQFP
100
LQFP
64
SRC(3) =
0
SRC = 1 SRC = 0 SRC = 1 SRC = 0 SRC = 1 SRC = 0 SRC = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com