Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560B50x Datasheet(PDF) 19 Page - STMicroelectronics

Part # SPC560B50x
Description  Up to 60 DMIPs operation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560B50x Datasheet(HTML) 19 Page - STMicroelectronics

Back Button SPC560B50x Datasheet HTML 15Page - STMicroelectronics SPC560B50x Datasheet HTML 16Page - STMicroelectronics SPC560B50x Datasheet HTML 17Page - STMicroelectronics SPC560B50x Datasheet HTML 18Page - STMicroelectronics SPC560B50x Datasheet HTML 19Page - STMicroelectronics SPC560B50x Datasheet HTML 20Page - STMicroelectronics SPC560B50x Datasheet HTML 21Page - STMicroelectronics SPC560B50x Datasheet HTML 22Page - STMicroelectronics SPC560B50x Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 116 page
background image
DocID14619 Rev 13
19/116
SPC560B40x/50x, SPC560C40x/50x
Package pinouts and signal descriptions
115
3.3
Voltage supply pins
Voltage supply pins are used to provide power to the device. Three dedicated
VDD_LV/VSS_LV supply pairs are used for 1.2 V regulator stabilization.
3.4
Pad types
In the device the following types of pads are available for system pins and functional port
pins:
S = Slow(b)
M = Medium(b) (c)
F = Fast(b) (c)
I = Input only with analog feature(b)
J = Input/Output (‘S’ pad) with analog feature
X = Oscillator
Table 4. Voltage supply pin descriptions
Port pin
Function
Pin number
LQFP64
LQFP100
LQFP144
LBGA208(1)
VDD_HV
Digital supply voltage
7, 28, 56
15, 37, 70,
84
19, 51, 100,
123
C2, D9, E16,
G13, H3, N9,
R5
VSS_HV
Digital ground
6, 8, 26, 55
14, 16, 35,
69, 83
18, 20, 49,
99, 122
G7, G8, G9,
G10, H1, H7,
H8, H9, H10,
J7, J8, J9,
J10, K7, K8,
K9, K10
VDD_LV
1.2V decoupling pins. Decoupling
capacitor must be connected between
these pins and the nearest VSS_LV pin.
(2)
11, 23, 57
19, 32, 85
23, 46, 124
D8, K4, P7
VSS_LV
1.2V decoupling pins. Decoupling
capacitor must be connected between
these pins and the nearest VDD_LV pin.
(2)
10, 24, 58
18, 33, 86
22, 47, 125
C8, J2, N7
VDD_BV
Internal regulator supply voltage
12
20
24
K3
VSS_HV_ADC
Reference ground and analog ground for
the ADC
33
51
73
R15
VDD_HV_ADC
Reference voltage and analog supply for
the ADC
34
52
74
P14
1.
LBGA208 available only as development package for Nexus2+
2.
A decoupling capacitor must be placed between each of the three VDD_LV/VSS_LV supply pairs to ensure stable voltage
(see the recommended operating conditions in the device datasheet for details).
b.
See the I/O pad electrical characteristics in the device datasheet for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com