Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560B50x Datasheet(PDF) 86 Page - STMicroelectronics

Part # SPC560B50x
Description  Up to 60 DMIPs operation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560B50x Datasheet(HTML) 86 Page - STMicroelectronics

Back Button SPC560B50x Datasheet HTML 82Page - STMicroelectronics SPC560B50x Datasheet HTML 83Page - STMicroelectronics SPC560B50x Datasheet HTML 84Page - STMicroelectronics SPC560B50x Datasheet HTML 85Page - STMicroelectronics SPC560B50x Datasheet HTML 86Page - STMicroelectronics SPC560B50x Datasheet HTML 87Page - STMicroelectronics SPC560B50x Datasheet HTML 88Page - STMicroelectronics SPC560B50x Datasheet HTML 89Page - STMicroelectronics SPC560B50x Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 116 page
background image
Package pinouts and signal descriptions
SPC560B40x/50x, SPC560C40x/50x
86/116
DocID14619 Rev 13
Table 45. ADC conversion characteristics
Symbol
C
Parameter
Conditions(1)
Value
Uni
t
Min
Typ
Max
VSS_ADC
S
R
Voltage on
VSS_HV_ADC (ADC
reference) pin with
respect to ground
(VSS)
(2)
0.1
0.1
V
VDD_ADC
S
R
Voltage on
VDD_HV_ADC pin
(ADC reference) with
respect to ground
(VSS)
—VDD0.1
VDD+0.1
V
VAINx
S
R
Analog input
voltage(3)
—VSS_ADC0.1
VDD_ADC+0.
1
V
fADC
S
R
ADC analog
frequency
6
32 + 4%
MH
z
ADC_SY
S
S
R
ADC digital clock duty
cycle (ipg_clk)
ADCLKSEL = 1(4)
45
55
%
IADCPWD
S
R
ADC0 consumption in
power down mode
——
50
µA
IADCRUN
S
R
ADC0 consumption in
running mode
——
4
mA
tADC_PU
S
R
— ADC power up delay
1.5
µs
ts
C
C
T
Sampling time(5)
fADC = 32 MHz, INPSAMP = 17
0.5
µs
fADC = 6 MHz, INPSAMP = 255
42
tc
C
C
P
Conversion time(6)
fADC = 32 MHz, INPCMP = 2
0.625
µs
CS
C
C
D
ADC input sampling
capacitance
——
3
pF
CP1
C
C
D
ADC input pin
capacitance 1
——
3
pF
CP2
C
C
D
ADC input pin
capacitance 2
——
1
pF
CP3
C
C
D
ADC input pin
capacitance 3
——
1
pF
RSW1
C
C
D
Internal resistance of
analog source
——
3
k
RSW2
C
C
D
Internal resistance of
analog source
——
2
k
RAD
C
C
D
Internal resistance of
analog source
——
2
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com