Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560B50x Datasheet(PDF) 38 Page - STMicroelectronics

Part # SPC560B50x
Description  Up to 60 DMIPs operation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560B50x Datasheet(HTML) 38 Page - STMicroelectronics

Back Button SPC560B50x Datasheet HTML 34Page - STMicroelectronics SPC560B50x Datasheet HTML 35Page - STMicroelectronics SPC560B50x Datasheet HTML 36Page - STMicroelectronics SPC560B50x Datasheet HTML 37Page - STMicroelectronics SPC560B50x Datasheet HTML 38Page - STMicroelectronics SPC560B50x Datasheet HTML 39Page - STMicroelectronics SPC560B50x Datasheet HTML 40Page - STMicroelectronics SPC560B50x Datasheet HTML 41Page - STMicroelectronics SPC560B50x Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 116 page
background image
Package pinouts and signal descriptions
SPC560B40x/50x, SPC560C40x/50x
38/116
DocID14619 Rev 13
PH[7]
PCR[119]
AF0
AF1
AF2
AF3
GPIO[119]
E1UC[9]
CS3_2
MA[1]
SIUL
eMIOS_1
DSPI_2
ADC
I/O
I/O
O
O
M
Tristate
137
C5
PH[8]
PCR[120]
AF0
AF1
AF2
AF3
GPIO[120]
E1UC[10]
CS2_2
MA[0]
SIUL
eMIOS_1
DSPI_2
ADC
I/O
I/O
O
O
M
Tristate
138
A5
PH[9](9) PCR[121]
AF0
AF1
AF2
AF3
GPIO[121]
TCK
SIUL
JTAGC
I/O
I
S
Input, weak
pull-up
60
88
127
B8
PH[10](
9)
PCR[122]
AF0
AF1
AF2
AF3
GPIO[122]
TMS
SIUL
JTAGC
I/O
I
S
Input, weak
pull-up
53
81
120
B9
1.
Alternate functions are chosen by setting the values of the PCR.PA bitfields inside the SIUL module. PCR.PA = 00
 AF0;
PCR.PA = 01
 AF1; PCR.PA = 10  AF2; PCR.PA = 11  AF3. This is intended to select the output functions; to use
one of the input functions, the PCR.IBE bit must be written to ‘1’, regardless of the values selected in the PCR.PA bitfields.
For this reason, the value corresponding to an input only function is reported as “—”.
2.
Multiple inputs are routed to all respective modules internally. The input of some modules must be configured by setting the
values of the PSMIO.PADSELx bitfields inside the SIUL module.
3.
LBGA208 available only as development package for Nexus2+
4.
All WKPU pins also support external interrupt capability. See wakeup unit chapter for further details.
5.
NMI has higher priority than alternate function. When NMI is selected, the PCR.AF field is ignored.
6.
“Not applicable” because these functions are available only while the device is booting. Refer to BAM chapter of the
reference manual for details.
7.
Value of PCR.IBE bit must be 0
8.
Be aware that this pad is used on the SPC560B64L3 and SPC560B64L5 to provide VDD_HV_ADC and VSS_HV_ADC1.
Therefore, you should be careful in ensuring compatibility between SPC560B40x/50x and SPC560C40x/50x and
SPC560B64.
9.
Out of reset all the functional pins except PC[0:1] and PH[9:10] are available to the user as GPIO.
PC[0:1] are available as JTAG pins (TDI and TDO respectively).
PH[9:10] are available as JTAG pins (TCK and TMS respectively).
If the user configures these JTAG pins in GPIO mode the device is no longer compliant with IEEE 1149.1-2001.
10. The TDO pad has been moved into the STANDBY domain in order to allow low-power debug handshaking in STANDBY
mode. However, no pull-resistor is active on the TDO pad while in STANDBY mode. At this time the pad is configured as an
input. When no debugger is connected the TDO pad is floating causing additional current consumption. To avoid the extra
consumption TDO must be connected. An external pull-up resistor in the range of 47–100 k
 should be added between the
TDO pin and VDD_HV. Only in case the TDO pin is used as application pin and a pull-up cannot be used then a pull-down
resistor with the same value should be used between TDO pin and GND instead.
Table 6. Functional port pin descriptions (continued)
Pin number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com