Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560B50x Datasheet(PDF) 44 Page - STMicroelectronics

Part # SPC560B50x
Description  Up to 60 DMIPs operation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560B50x Datasheet(HTML) 44 Page - STMicroelectronics

Back Button SPC560B50x Datasheet HTML 40Page - STMicroelectronics SPC560B50x Datasheet HTML 41Page - STMicroelectronics SPC560B50x Datasheet HTML 42Page - STMicroelectronics SPC560B50x Datasheet HTML 43Page - STMicroelectronics SPC560B50x Datasheet HTML 44Page - STMicroelectronics SPC560B50x Datasheet HTML 45Page - STMicroelectronics SPC560B50x Datasheet HTML 46Page - STMicroelectronics SPC560B50x Datasheet HTML 47Page - STMicroelectronics SPC560B50x Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 116 page
background image
Package pinouts and signal descriptions
SPC560B40x/50x, SPC560C40x/50x
44/116
DocID14619 Rev 13
Note:
RAM data retention is guaranteed with VDD_LV not below 1.08 V.
3.14
Thermal characteristics
3.14.1
Package thermal characteristics
IINJPAD
SR
Injected input current on any pin during
overload condition
55
mA
IINJSUM
SR
Absolute sum of all injected input currents
during overload condition
50
50
TVDD
SR VDD slope to ensure correct power up
(6)
—3.0(7)
250 x 103
(0.25
[V/µs])
V/s
1.
100 nF capacitance needs to be provided between each VDD/VSS pair.
2.
Full device operation is guaranteed by design when the voltage drops below 4.5 V down to 3.0 V. However, certain analog
electrical characteristics will not be guaranteed to stay within the stated limits.
3.
330 nF capacitance needs to be provided between each VDD_LV/VSS_LV supply pair.
4.
100 nF capacitance needs to be provided between VDD_BV and the nearest VSS_LV (higher value may be needed
depending on external regulator characteristics).
5.
1 µF (electrolithic/tantalum) + 47 nF (ceramic) capacitance needs to be provided between VDD_ADC/VSS_ADC pair. Another
ceramic cap of 10 nF with low inductance package can be added.
6.
Guaranteed by device validation.
7.
Minimum value of TVDD must be guaranteed until VDD reaches 2.6 V (maximum value of VPORH).
Table 14. Recommended operating conditions (5.0 V) (continued)
Symbol
Parameter
Conditions
Value
Unit
Min
Max
Table 15. LQFP thermal characteristics(1)
Symbol
C
Parameter
Conditions(2)
Pin count
Value
Unit
RJA
CC
D
Thermal resistance, junction-to-
ambient natural convection(3)
Single-layer board - 1s
64
60
°C/W
100
64
144
64
Four-layer board - 2s2p
64
42
100
51
144
49
RJB
CC
D
Thermal resistance, junction-to-
board(4)
Single-layer board - 1s
64
24
°C/W
100
36
144
37
Four-layer board - 2s2p
64
24
100
34
144
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com