Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560B50x Datasheet(PDF) 87 Page - STMicroelectronics

Part # SPC560B50x
Description  Up to 60 DMIPs operation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560B50x Datasheet(HTML) 87 Page - STMicroelectronics

Back Button SPC560B50x Datasheet HTML 83Page - STMicroelectronics SPC560B50x Datasheet HTML 84Page - STMicroelectronics SPC560B50x Datasheet HTML 85Page - STMicroelectronics SPC560B50x Datasheet HTML 86Page - STMicroelectronics SPC560B50x Datasheet HTML 87Page - STMicroelectronics SPC560B50x Datasheet HTML 88Page - STMicroelectronics SPC560B50x Datasheet HTML 89Page - STMicroelectronics SPC560B50x Datasheet HTML 90Page - STMicroelectronics SPC560B50x Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 116 page
background image
DocID14619 Rev 13
87/116
SPC560B40x/50x, SPC560C40x/50x
Package pinouts and signal descriptions
115
3.27
On-chip peripherals
3.27.1
Current consumption
IINJ
S
R
— Input current Injection
Current
injection on
one ADC input,
different from
the converted
one
VDD = 
3.3 V ± 10%
5—
5
mA
VDD = 
5.0 V ± 10%
5—
5
| INL |
C
C
T
Absolute value for
integral non-linearity
No overload
0.5
1.5
LSB
| DNL |
C
C
T
Absolute differential
non-linearity
No overload
0.5
1.0
LSB
| EO |
C
C
T
Absolute offset error
0.5
LSB
| EG |
C
C
T
Absolute gain error
0.6
LSB
TUEp
C
C
P
Total unadjusted
error(7) for precise
channels, input only
pins
Without current injection
20.6
2
LSB
T
With current injection
33
TUEx
C
C
T
Total unadjusted
error(7) for extended
channel
Without current injection
31
3
LSB
T
With current injection
44
1.
VDD = 3.3 V ± 10% / 5.0 V ± 10%, TA = 40 to 125 °C, unless otherwise specified.
2.
Analog and digital VSS must be common (to be tied together externally).
3.
VAINx may exceed VSS_ADC and VDD_ADC limits, remaining on absolute maximum ratings, but the results of the conversion
will be clamped respectively to 0x000 or 0x3FF.
4.
Duty cycle is ensured by using system clock without prescaling. When ADCLKSEL = 0, the duty cycle is ensured by internal
divider by 2.
5.
During the sampling time the input capacitance CS can be charged/discharged by the external source. The internal
resistance of the analog source must allow the capacitance to reach its final voltage level within ts. After the end of the
sampling time ts, changes of the analog input voltage have no effect on the conversion result. Values for the sample clock ts
depend on programming.
6.
This parameter does not include the sampling time ts, but only the time for determining the digital result and the time to load
the result’s register with the conversion result.
7.
Total Unadjusted Error: The maximum error that occurs without adjusting Offset and Gain errors. This error is a
combination of Offset, Gain and Integral Linearity errors.
Table 45. ADC conversion characteristics (continued)
Symbol
C
Parameter
Conditions(1)
Value
Uni
t
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com