Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560B50x Datasheet(PDF) 65 Page - STMicroelectronics

Part # SPC560B50x
Description  Up to 60 DMIPs operation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560B50x Datasheet(HTML) 65 Page - STMicroelectronics

Back Button SPC560B50x Datasheet HTML 61Page - STMicroelectronics SPC560B50x Datasheet HTML 62Page - STMicroelectronics SPC560B50x Datasheet HTML 63Page - STMicroelectronics SPC560B50x Datasheet HTML 64Page - STMicroelectronics SPC560B50x Datasheet HTML 65Page - STMicroelectronics SPC560B50x Datasheet HTML 66Page - STMicroelectronics SPC560B50x Datasheet HTML 67Page - STMicroelectronics SPC560B50x Datasheet HTML 68Page - STMicroelectronics SPC560B50x Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 116 page
background image
DocID14619 Rev 13
65/116
SPC560B40x/50x, SPC560C40x/50x
Package pinouts and signal descriptions
115
ESRSTDBY(MAX) = VDD(STDBY)|/(IDD_BV  200 mA) = (30 mV)/(100 mA) = 0.3 
CSTDBY(MIN) = (IDD_BV  200 mA)/dVDD(STDBY)/dt = (300 mA 
200 mA)/(15 mV/µs) = 6.7 µF
In case optimization is required, CSTDBY(MIN) and ESRSTDBY(MAX) should be calculated
based on the regulator characteristics as well as the board VDD plane characteristics.
3.17.2
Low voltage detector electrical characteristics
The device implements a Power-on Reset (POR) module to ensure correct power-up
initialization, as well as four low voltage detectors (LVDs) to monitor the VDD and the VDD_LV
voltage while device is supplied:
POR monitors VDD during the power-up phase to ensure device is maintained in a safe
reset state (refer to RGM Destructive Event Status (RGM_DES) Register flag F_POR
in device reference manual)
LVDHV3 monitors VDD to ensure device reset below minimum functional supply (refer
to RGM Destructive Event Status (RGM_DES) Register flag F_LVD27 in device
reference manual)
LVDHV5 monitors VDD when application uses device in the 5.0 V ± 10% range (refer to
RGM Functional Event Status (RGM_FES) Register flag F_LVD45 in device reference
manual)
LVDLVCOR monitors power domain No. 1 (refer to RGM Destructive Event Status
(RGM_DES) Register flag F_LVD12_PD1 in device reference manual
LVDLVBKP monitors power domain No. 0 (refer to RGM Destructive Event Status
(RGM_DES) Register flag F_LVD12_PD0 in device reference manual)
Note:
When enabled, power domain No. 2 is monitored through LVDLVBKP.
Figure 12. Low voltage detector vs reset
Note:
Figure 12: Low voltage detector vs reset does not apply to LVDHV5 low voltage detector
because LVDHV5 is automatically disabled during reset and it must be enabled by software
again. Once the device is forced to reset by LVDHV5, the LVDHV5 is disabled and reset is
VDD
VLVDHVxH
RESET
VLVDHVxL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com