Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560B50x Datasheet(PDF) 91 Page - STMicroelectronics

Part # SPC560B50x
Description  Up to 60 DMIPs operation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560B50x Datasheet(HTML) 91 Page - STMicroelectronics

Back Button SPC560B50x Datasheet HTML 87Page - STMicroelectronics SPC560B50x Datasheet HTML 88Page - STMicroelectronics SPC560B50x Datasheet HTML 89Page - STMicroelectronics SPC560B50x Datasheet HTML 90Page - STMicroelectronics SPC560B50x Datasheet HTML 91Page - STMicroelectronics SPC560B50x Datasheet HTML 92Page - STMicroelectronics SPC560B50x Datasheet HTML 93Page - STMicroelectronics SPC560B50x Datasheet HTML 94Page - STMicroelectronics SPC560B50x Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 116 page
background image
9tSUI
SR
D Data setup time for inputs
Master mode
43
—
—
145
—
—
ns
Slave mode
5
—
—
5
—
—
10
tHI
SR
D Data hold time for inputs
Master mode
0
—
—
0
—
—
ns
Slave mode
2(6)
——
2(6)
——
11
tSUO
(7)
CC D Data valid after SCK edge
Master mode
—
—
32
—
—
50
ns
Slave mode
—
—
52
—
—
160
12
tHO
(7)
CC D Data hold time for outputs
Master mode
0
—
—
0
—
—
ns
Slave mode
8
—
—
13
—
—
1.
Operating conditions: CL = 10 to 50 pF, SlewIN = 3.5 to 15 ns.
2.
Maximum value is reached when CSn pad is configured as SLOW pad while SCK pad is configured as MEDIUM. A positive value means that SCK starts before CSn is
asserted. DSPI2 has only SLOW SCK available.
3.
Maximum value is reached when CSn pad is configured as MEDIUM pad while SCK pad is configured as SLOW. A positive value means that CSn is deasserted before
SCK. DSPI0 and DSPI1 have only MEDIUM SCK available.
4.
The tCSC delay value is configurable through a register. When configuring tCSC (using PCSSCK and CSSCK fields in DSPI_CTARx registers), delay between internal CS
and internal SCK must be higher than
t
CSC to ensure positive tCSCext.
5.
The tASC delay value is configurable through a register. When configuring tASC (using PASC and ASC fields in DSPI_CTARx registers), delay between internal CS and
internal SCK must be higher than
t
ASC to ensure positive tASCext.
6.
This delay value corresponds to SMPL_PT = 00b which is bit field 9 and 8 of the DSPI_MCR.
7.
SCK and SOUT configured as MEDIUM pad
Table 47. DSPI characteristics(1) (continued)
No.
Symbol
C
Parameter
DSPI0/DSPI1
DSPI2
Unit
Min
Typ
Max
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com