Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560B50x Datasheet(PDF) 63 Page - STMicroelectronics

Part # SPC560B50x
Description  Up to 60 DMIPs operation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560B50x Datasheet(HTML) 63 Page - STMicroelectronics

Back Button SPC560B50x Datasheet HTML 59Page - STMicroelectronics SPC560B50x Datasheet HTML 60Page - STMicroelectronics SPC560B50x Datasheet HTML 61Page - STMicroelectronics SPC560B50x Datasheet HTML 62Page - STMicroelectronics SPC560B50x Datasheet HTML 63Page - STMicroelectronics SPC560B50x Datasheet HTML 64Page - STMicroelectronics SPC560B50x Datasheet HTML 65Page - STMicroelectronics SPC560B50x Datasheet HTML 66Page - STMicroelectronics SPC560B50x Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 116 page
background image
DocID14619 Rev 13
63/116
SPC560B40x/50x, SPC560C40x/50x
Package pinouts and signal descriptions
115
Table 26. Voltage regulator electrical characteristics
Symbol
C
Parameter
Conditions(1)
Value
Unit
Min
Typ
Max
CREGn
SR —
Internal voltage regulator external
capacitance
200
500
nF
RREG
SR —
Stability capacitor equivalent serial
resistance
Range:
10 kHz to 20 MHz
——
0.2
W
CDEC1
SR — Decoupling capacitance(2) ballast
VDD_BV/VSS_LV pair:
VDD_BV = 4.5 V to 5.5 V
100
(3)
470(4)
nF
VDD_BV/VSS_LV pair:
VDD_BV = 3 V to 3.6 V
400
CDEC2
SR —
Decoupling capacitance regulator
supply
VDD/VSS pair
10
100
nF
SR — Maximum slope on VDD
250 mV/µs

VDD(STDBY)|SR —
Maximum instant variation on VDD
during standby exit
——
30
mV
SR —
Maximum slope on VDD during
standby exit
——
15
mV/µs
VMREG
CC
T
Main regulator output voltage
Before exiting from
reset
1.32
V
P
After trimming
1.16
1.28
IMREG
SR —
Main regulator current provided to
VDD_LV domain
——
150
mA
IMREGINT
CC D
Main regulator module current
consumption
IMREG = 200 mA
2
mA
IMREG = 0 mA
1
VLPREG
CC P
Low power regulator output
voltage
After trimming
1.16
1.28
V
ILPREG
SR —
Low power regulator current
provided to VDD_LV domain
——
15
mA
ILPREGINT
CC
D
Low power regulator module
current consumption
ILPREG = 15 mA;
TA = 55 °C
——
600
µA
ILPREG = 0 mA;
TA = 55 °C
5—
VULPREG
CC P
Ultra low power regulator output
voltage
After trimming
1.16
1.28
V
t
d
d
VDD
t
d
d
VDD STDBY




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com