Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560B50x Datasheet(PDF) 42 Page - STMicroelectronics

Part # SPC560B50x
Description  Up to 60 DMIPs operation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560B50x Datasheet(HTML) 42 Page - STMicroelectronics

Back Button SPC560B50x Datasheet HTML 38Page - STMicroelectronics SPC560B50x Datasheet HTML 39Page - STMicroelectronics SPC560B50x Datasheet HTML 40Page - STMicroelectronics SPC560B50x Datasheet HTML 41Page - STMicroelectronics SPC560B50x Datasheet HTML 42Page - STMicroelectronics SPC560B50x Datasheet HTML 43Page - STMicroelectronics SPC560B50x Datasheet HTML 44Page - STMicroelectronics SPC560B50x Datasheet HTML 45Page - STMicroelectronics SPC560B50x Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 116 page
background image
Package pinouts and signal descriptions
SPC560B40x/50x, SPC560C40x/50x
42/116
DocID14619 Rev 13
Note:
Stresses exceeding the recommended absolute maximum ratings may cause permanent
damage to the device. This is a stress rating only and functional operation of the device at
these or any other conditions above those indicated in the operational sections of this
specification are not implied. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability. During overload conditions (VIN > VDD or VIN < VSS),
the voltage on pins with respect to ground (VSS) must not exceed the recommended values.
3.13
Recommended operating conditions
VIN
SR
Voltage on any GPIO pin with respect to
ground (VSS)
0.3
6.0
V
Relative to VDD
—VDD+0.3
IINJPAD
SR
Injected input current on any pin during
overload condition
10
10
mA
IINJSUM SR
Absolute sum of all injected input
currents during overload condition
50
50
IAVGSEG SR
Sum of all the static I/O current within a
supply segment
VDD = 5.0 V ± 10%,
PAD3V5V = 0
—70
mA
VDD = 3.3 V ± 10%,
PAD3V5V = 1
—64
ICORELV SR
Low voltage static current sink through
VDD_BV
——
150
mA
TSTORAGE SR Storage temperature
55
150
°C
Table 12. Absolute maximum ratings (continued)
Symbol
Parameter
Conditions
Value
Unit
Min
Max
Table 13. Recommended operating conditions (3.3 V)
Symbol
Parameter
Conditions
Value
Unit
Min
Max
VSS
SR Digital ground on VSS_HV pins
0
0
V
VDD
(1)
SR
Voltage on VDD_HV pins with respect to ground
(VSS)
—3.0
3.6
V
VSS_LV
(2)
SR
Voltage on VSS_LV (low voltage digital supply)
pins with respect to ground (VSS)
—VSS0.1
VSS+0.1
V
VDD_BV
(3)
SR
Voltage on VDD_BV pin (regulator supply) with
respect to ground (VSS)
—3.0
3.6
V
Relative to VDD VDD0.1
VDD+0.1
VSS_ADC
SR
Voltage on VSS_HV_ADC (ADC reference) pin
with respect to ground (VSS)
—VSS0.1
VSS+0.1
V
VDD_ADC
(4)
SR
Voltage on VDD_HV_ADC pin (ADC reference)
with respect to ground (VSS)
—3.0(5)
3.6
V
Relative to VDD VDD0.1
VDD+0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com