Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQFP64 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LQFP64
Description  Up to 60 DMIPs operation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP64 Datasheet(HTML) 1 Page - STMicroelectronics

  LQFP64 Datasheet HTML 1Page - STMicroelectronics LQFP64 Datasheet HTML 2Page - STMicroelectronics LQFP64 Datasheet HTML 3Page - STMicroelectronics LQFP64 Datasheet HTML 4Page - STMicroelectronics LQFP64 Datasheet HTML 5Page - STMicroelectronics LQFP64 Datasheet HTML 6Page - STMicroelectronics LQFP64 Datasheet HTML 7Page - STMicroelectronics LQFP64 Datasheet HTML 8Page - STMicroelectronics LQFP64 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 116 page
background image
This is information on a product in full production.
February 2015
DocID14619 Rev 13
1/116
SPC560B40x, SPC560B50x
SPC560C40x, SPC560C50x
32-bit MCU family built on the Power Architecture®
for automotive body electronics applications
Datasheet
- production data
Features
 High-performance 64 MHz e200z0h CPU
– 32-bit Power Architecture® technology
– Up to 60 DMIPs operation
– Variable length encoding (VLE)
 Memory
– Up to 512 KB Code Flash with ECC
– 64 KB Data Flash with ECC
– Up to 48 KB SRAM with ECC
– 8-entry memory protection unit (MPU)
 Interrupts
– 16 priority levels
– Non-maskable interrupt (NMI)
– Up to 34 external interrupts incl. 18 wakeup
lines
 GPIO: 45(LQFP64), 75(LQFP100),
123(LQFP144)
 Timer units
– 6-channel 32-bit periodic interrupt timers
– 4-channel 32-bit system timer module
– Software watchdog timer
– Real-time clock timer
 16-bit counter time-triggered I/Os
– Up to 56 channels with PWM/MC/IC/OC
– ADC diagnostic via CTU
 Communications interface
– Up to 6 FlexCAN interfaces (2.0B active)
with 64-message objects each
– Up to 4 LINFlex/UART
– 3 DSPI / I2C
 Single 5 V or 3.3 V supply
 10-bit analog-to-digital converter (ADC) with up
to 36 channels
– Extendable to 64 channels via external
multiplexing
– Individual conversion registers
– Cross triggering unit (CTU)
 Dedicated diagnostic module for lighting
– Advanced PWM generation
– Time-triggered diagnostic
– PWM-synchronized ADC measurements
 Clock generation
– 4 to 16 MHz fast external crystal oscillator
(FXOSC)
– 32 kHz slow external crystal oscillator
(SXOSC)
– 16 MHz fast internal RC oscillator (FIRC)
– 128 kHz slow internal RC oscillator (SIRC)
– Software-controlled FMPLL
– Clock monitor unit (CMU)
 Exhaustive debugging capability
– Nexus1 on all devices
– Nexus2+ available on emulation package
(LBGA208)
 Low power capabilities
– Ultra-low power standby with RTC, SRAM
and CAN monitoring
– Fast wakeup schemes
 Operating temp. range up to -40 to 125 °C
LQFP64 (10 x 10 x 1.4 mm)
LQFP144 (20 x 20 x 1.4 mm)
LQFP100 (14 x 14 x 1.4 mm)
Table 1. Device summary
Package
Part number
256 KB code Flash memory
512 KB code Flash memory
LQFP144
SPC560B40L5
SPC560B50L5
LQFP100
SPC560B40L3
SPC560C40L3
SPC560B50L3
SPC560C50L3
LQFP64(1)
SPC560B40L1
SPC560C40L1
SPC560B50L1
SPC560C50L1
1.
All LQFP64information is indicative and must be confirmed during silicon validation.
www.st.com


Similar Part No. - LQFP64

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LQFP64 STMICROELECTRONICS-LQFP64 Datasheet
4Mb / 429P
8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
16-Nov-2006
logo
NXP Semiconductors
LQFP64 NXP-LQFP64 Datasheet
1Mb / 77P
32-bit ARM Cortex-M3 microcontroller; up to 64 kB flash; up to 12 kB SRAM; USB device; USART; EEPROM
Rev. 3-20 September 2012
logo
STMicroelectronics
LQFP64 STMICROELECTRONICS-LQFP64 Datasheet
1Mb / 98P
High-density value line, advanced ARM-based 32-bit MCU with 256 to 512 KB Flash, 16 timers, ADC, DAC & 11 comm interfaces
17-Sep-2012
LQFP64 STMICROELECTRONICS-LQFP64 Datasheet
1Mb / 79P
Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
19-Apr-2011
LQFP64 STMICROELECTRONICS-LQFP64 Datasheet
686Kb / 90P
Non-maskable interrupt
17-Sep-2013
More results

Similar Description - LQFP64

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0011219757 MOLEX11-0011219757 Datasheet
505Kb / 15P
OPERATION & SET-UP MANUAL
logo
List of Unclassifed Man...
1693 ETC2-1693 Datasheet
2Mb / 3P
Up to 60 A output current
logo
STMicroelectronics
SPC564BXX STMICROELECTRONICS-SPC564BXX Datasheet
2Mb / 123P
Up to 80 MHz and 75 MIPs operation
11-Mar-2016
logo
Peregrine Semiconductor
PE426525 PSEMI-PE426525 Datasheet
271Kb / 13P
Wideband support up to 60 GHz
logo
PHOENIX CONTACT
2702255 PHOENIX-2702255 Datasheet
245Kb / 6P
Up to 15.3 Mbps in 2-wire operation
logo
Renesas Technology Corp
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
logo
Lumics GmbH
LU0785T040 LUMICS-LU0785T040 Datasheet
264Kb / 2P
Industrial Laser Diode Up to 4w Operation Power @ 785nm
2018-06-14
LU0808T020-RI LUMICS-LU0808T020-RI Datasheet
261Kb / 2P
Industrial Laser Diode Up to 2w Operation Power @ 808nm
2018-06-14
LU09XXT090 LUMICS-LU09XXT090 Datasheet
554Kb / 2P
Industrial Laser Diode Up to 9W Operation Power
2020-10-20
LU1064T070 LUMICS-LU1064T070 Datasheet
261Kb / 2P
Industrial Laser Diode Up to 7w Operation Power @ 1064nm
2018-06-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com