Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQFP64 Datasheet(PDF) 115 Page - STMicroelectronics

Part # LQFP64
Description  Up to 60 DMIPs operation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP64 Datasheet(HTML) 115 Page - STMicroelectronics

Back Button LQFP64 Datasheet HTML 108Page - STMicroelectronics LQFP64 Datasheet HTML 109Page - STMicroelectronics LQFP64 Datasheet HTML 110Page - STMicroelectronics LQFP64 Datasheet HTML 111Page - STMicroelectronics LQFP64 Datasheet HTML 112Page - STMicroelectronics LQFP64 Datasheet HTML 113Page - STMicroelectronics LQFP64 Datasheet HTML 114Page - STMicroelectronics LQFP64 Datasheet HTML 115Page - STMicroelectronics LQFP64 Datasheet HTML 116Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 115 / 116 page
background image
DocID14619 Rev 13
115/116
SPC560B40x/50x, SPC560C40x/50x
Revision history
115
18-Jan-2013
11
In the cover feature list, replaced “System watchdog timer” with “Software watchdog
timer”
Table 3 (SPC560B40x/50x and SPC560C40x/50x series block summary), replaced
“System watchdog timer” with “Software watchdog timer” and specified AUTOSAR
(Automotive Open System Architecture)
Table 6 (Functional port pin descriptions), replaced VDD with VDD_HV
Figure 9 (Voltage regulator capacitance connection), updated pin name apperence
Renamed Figure 10 (VDD_HV and VDD_BV maximum slope) (was “VDD and VDD_BV
maximum slope”) and replaced VDD_HV(MIN) with VPORH(MAX)
Renamed Figure 11 (VDD_HV and VDD_BV supply constraints during STANDBY mode
exit) (was “VDD and VDD_BV supply constraints during STANDBY mode exit”)
Table 13 (Recommended operating conditions (3.3 V)), added minimum value of TVDD
and footnote about it.
Table 14 (Recommended operating conditions (5.0 V)), added minimum value of TVDD
and footnote about it.
Section 3.17.1, Voltage regulator electrical characteristics:
replaced “slew rate of VDD/VDD_BV” with “slew rate of both VDD_HV and VDD_BV”
replaced “When STANDBY mode is used, further constraints apply to the
VDD/VDD_BV in order to guarantee correct regulator functionality during STANDBY
exit.” with “When STANDBY mode is used, further constraints are applied to the
both VDD_HV and VDD_BV in order to guarantee correct regulator function during
STANDBY exit.”
Table 28 (Power consumption on VDD_BV and VDD_HV), updated footnotes of
IDDMAX and IDDRUN stating that both currents are drawn only from the VDD_BV pin.
Table 32 (Flash memory power supply DC electrical characteristics), in the paremeter
column replaced VDD_BV and VDD_HV respectively with VDD_BV and VDD_HV.
Table 46 (On-chip peripherals current consumption), in the paremeter column
replaced VDD_BV, VDD_HV and VDD_HV_ADC respectively with VDD_BV, VDD_HV
and VDD_HV_ADC
Updated Section 3.26.2, Input impedance and ADC accuracy
Table 47 (DSPI characteristics), modified symbol for tPCSC and tPASC
18-Sep-2013
12
Updated Disclaimer.
03-Feb-2015
13
In Table 2: SPC560B40x/50x and SPC560C40x/50x device comparison:
– changed the MPC5604BxLH entry for CAN (FlexCAN) from 37 to 26.
– updated tablenote 7.
In Table 14: Recommended operating conditions (5.0 V), updated tablenote 5 to: “1
µF (electrolithic/tantalum) + 47 nF (ceramic) capacitance needs to be provided
between VDD_ADC/VSS_ADC pair. Another ceramic cap of 10nF with low inductance
package can be added”.
In Section 3.17.2: Low voltage detector electrical characteristics, added a note on
LVHVD5 detector.
In Section 5: Ordering information, added a note: “Not all options are available on all
devices”.
Table 55. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com