Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560P34L1 Datasheet(PDF) 54 Page - STMicroelectronics

Part # SPC560P34L1
Description  Programmable watchdog timer
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560P34L1 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button SPC560P34L1 Datasheet HTML 50Page - STMicroelectronics SPC560P34L1 Datasheet HTML 51Page - STMicroelectronics SPC560P34L1 Datasheet HTML 52Page - STMicroelectronics SPC560P34L1 Datasheet HTML 53Page - STMicroelectronics SPC560P34L1 Datasheet HTML 54Page - STMicroelectronics SPC560P34L1 Datasheet HTML 55Page - STMicroelectronics SPC560P34L1 Datasheet HTML 56Page - STMicroelectronics SPC560P34L1 Datasheet HTML 57Page - STMicroelectronics SPC560P34L1 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 103 page
background image
Electrical characteristics
SPC560P34L1, SPC560P34L3, SPC560P40L1, SPC560P40L3
54/103
Doc ID 16100 Rev 7
3.6
Electromagnetic interference (EMI) characteristics
3.7
Electrostatic discharge (ESD) characteristics
3.8
Power management electrical characteristics
3.8.1
Voltage regulator electrical characteristics
The internal voltage regulator requires an external NPN ballast, approved ballast list
availbale in Table 15, to be connected as shown in Figure 10. Capacitances should be
placed on the board as near as possible to the associated pins. Care should also be taken
to limit the serial inductance of the VDD_HV_REG, BCTRL and VDD_LV_CORx pins to less than
LReg. (refer to Table 16).
Table 13.
EMI testing specifications
Symbol
Parameter
Conditions
Clocks
Frequency
Level
(Typ)
Unit
VEME
Radiated
emissions
VDD = 5.0 V; TA =25 °C
Other device configuration,
test conditions and EM testing
per standard IEC61967-2
fOSC =8 MHz
fCPU =64 MHz
No PLL frequency
modulation
150 kHz–150 MHz
11
dBµ
V
150–1000 MHz
13
IEC level
M
—
fOSC =8 MHz
fCPU =64 MHz
±4% PLL frequency
modulation
150 kHz–150 MHz
8
dBµ
V
150–1000 MHz
12
IEC level
N
—
VDD = 3.3 V; TA =25 °C
Other device configuration,
test conditions and EM testing
per standard IEC61967-2
fOSC =8 MHz
fCPU =64 MHz
No PLL frequency
modulation
150 kHz–150 MHz
9
dBµ
V
150–1000 MHz
12
IEC level
M
—
fOSC =8 MHz
fCPU =64 MHz
±4% PLL frequency
modulation
150 kHz–150 MHz
7
dBµ
V
150–1000 MHz
12
IEC level
N
—
Table 14.
ESD ratings(1),(2)
Symbol
Parameter
Conditions
Value
Unit
VESD(HBM)
S
R
Electrostatic discharge (Human Body Model)
—
2000
V
VESD(CDM)
S
R
Electrostatic discharge (Charged Device Model)
—
750 (corners)
V
500 (other)
1.
All ESD testing is in conformity with CDF-AEC-Q100 Stress Test Qualification for Automotive Grade Integrated Circuits.
2.
A device will be defined as a failure if after exposure to ESD pulses the device no longer meets the device specification
requirements. Complete DC parametric and functional testing shall be performed per applicable device specification at
room temperature followed by hot temperature, unless specified otherwise in the device specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com