Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560P34L1 Datasheet(PDF) 63 Page - STMicroelectronics

Part # SPC560P34L1
Description  Programmable watchdog timer
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560P34L1 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button SPC560P34L1 Datasheet HTML 59Page - STMicroelectronics SPC560P34L1 Datasheet HTML 60Page - STMicroelectronics SPC560P34L1 Datasheet HTML 61Page - STMicroelectronics SPC560P34L1 Datasheet HTML 62Page - STMicroelectronics SPC560P34L1 Datasheet HTML 63Page - STMicroelectronics SPC560P34L1 Datasheet HTML 64Page - STMicroelectronics SPC560P34L1 Datasheet HTML 65Page - STMicroelectronics SPC560P34L1 Datasheet HTML 66Page - STMicroelectronics SPC560P34L1 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 103 page
background image
SPC560P34L1, SPC560P34L3, SPC560P40L1, SPC560P40L3
Electrical characteristics
Doc ID 16100 Rev 7
63/103
3.10.4
Input DC electrical characteristics definition
Figure 14 shows the DC electrical characteristics behavior as function of time.
Figure 14.
Input DC electrical characteristics definition
Table 22.
Supply current (3.3 V, NVUSRO[PAD3V5V] = 1)
Symbol
C
Parameter
Conditions
Value(1)
Unit
Typ
Max
IDD_LV_CORx
T
RUN—Maximum mode(2)
VDD_LV_CORx externally
forced at 1.3 V
40 MHz
44
55
mA
64 MHz
52
65
RUN—Typical mode(3)
40 MHz
38
46
64 MHz
45
54
P
HALT mode(4)
—1.5
10
STOP mode(5)
—1
10
IDD_ADC
TADC
VDD_HV_ADC0 at 3.3 V
fADC =16MHz
ADC_0
3
4
IDD_OSC
T
Oscillator
VDD_HV_OSC at 3.3 V
8 MHz
2.6
3.2
IDD_HV_REG
D
Internal regulator module
current consumption
VDD_HV_REG at 5.5 V
—
10
1.
All values to be confirmed after characterization/data collection.
2.
Maximum mode: FlexPWM, ADC, CTU, DSPI, LINFlex, FlexCAN, 15 output pins, PLL_0 enabled, 125 °C ambient. I/O
supply current excluded.
3.
Typical mode configurations: DSPI, LINFlex, FlexCAN, 15 output pins, PLL_0, 105 °C ambient. I/O supply current
excluded.
4.
Halt mode configurations: Code fetched from SRAM, code flash memory and data flash memory in low power mode,
OSC/PLL_0 are OFF, core clock frozen, all peripherals disabled.
5.
STOP “P” mode Device Under Test (DUT) configuration: Code fetched from SRAM, code flash memory and data flash
memory off, OSC/PLL_0 are OFF, core clock frozen, all peripherals disabled.
VIL
VIN
VIH
PDIx = ‘1’
VDD
VHYS
(GPDI register of SIUL)
PDIx = ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com