Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560P34L1 Datasheet(PDF) 28 Page - STMicroelectronics

Part # SPC560P34L1
Description  Programmable watchdog timer
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560P34L1 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button SPC560P34L1 Datasheet HTML 24Page - STMicroelectronics SPC560P34L1 Datasheet HTML 25Page - STMicroelectronics SPC560P34L1 Datasheet HTML 26Page - STMicroelectronics SPC560P34L1 Datasheet HTML 27Page - STMicroelectronics SPC560P34L1 Datasheet HTML 28Page - STMicroelectronics SPC560P34L1 Datasheet HTML 29Page - STMicroelectronics SPC560P34L1 Datasheet HTML 30Page - STMicroelectronics SPC560P34L1 Datasheet HTML 31Page - STMicroelectronics SPC560P34L1 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 103 page
background image
Introduction
SPC560P34L1, SPC560P34L3, SPC560P40L1, SPC560P40L3
28/103
Doc ID 16100 Rev 7
1.5.31
On-chip voltage regulator (VREG)
The on-chip voltage regulator module provides the following features:
●
Uses external NPN (negative-positive-negative) transistor
●
Regulates external 3.3 V/5.0 V down to 1.2 V for the core logic
●
Low voltage detection on the internal 1.2 V and I/O voltage 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com