Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560P34L1 Datasheet(PDF) 19 Page - STMicroelectronics

Part # SPC560P34L1
Description  Programmable watchdog timer
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560P34L1 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button SPC560P34L1 Datasheet HTML 15Page - STMicroelectronics SPC560P34L1 Datasheet HTML 16Page - STMicroelectronics SPC560P34L1 Datasheet HTML 17Page - STMicroelectronics SPC560P34L1 Datasheet HTML 18Page - STMicroelectronics SPC560P34L1 Datasheet HTML 19Page - STMicroelectronics SPC560P34L1 Datasheet HTML 20Page - STMicroelectronics SPC560P34L1 Datasheet HTML 21Page - STMicroelectronics SPC560P34L1 Datasheet HTML 22Page - STMicroelectronics SPC560P34L1 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 103 page
background image
SPC560P34L1, SPC560P34L3, SPC560P40L1, SPC560P40L3
Introduction
Doc ID 16100 Rev 7
19/103
1.5.16
System integration unit – Lite (SIUL)
The SPC560P34/SPC560P40 SIUL controls MCU pad configuration, external interrupt,
general purpose I/O (GPIO), and internal peripheral multiplexing.
The pad configuration block controls the static electrical characteristics of I/O pins. The
GPIO block provides uniform and discrete input/output control of the I/O pins of the MCU.
The SIUL provides the following features:
●
Centralized general purpose input output (GPIO) control of up to 49 input/output pins
and 16 analog input-only pads (package dependent)
●
All GPIO pins can be independently configured to support pull-up, pull-down, or no pull
●
Reading and writing to GPIO supported both as individual pins and 16-bit wide ports
●
All peripheral pins, except ADC channels, can be alternatively configured as both
general purpose input or output pins
●
ADC channels support alternative configuration as general purpose inputs
●
Direct readback of the pin value is supported on all pins through the SIUL
●
Configurable digital input filter that can be applied to some general purpose input pins
for noise elimination
●
Up to 4 internal functions can be multiplexed onto 1 pin
1.5.17
Boot and censorship
Different booting modes are available in the SPC560P34/SPC560P40: booting from internal
flash memory and booting via a serial link.
The default booting scheme uses the internal flash memory (an internal pull-down resistor is
used to select this mode). Optionally, the user can boot via FlexCAN or LINFlex (using the
boot assist module software).
A censorship scheme is provided to protect the content of the flash memory and offer
increased security for the entire device.
A password mechanism is designed to grant the legitimate user access to the non-volatile
memory.
Boot assist module (BAM)
The BAM is a block of read-only memory that is programmed once and is identical for all
SPC560Pxx devices that are based on the e200z0h core. The BAM program is executed
every time the device is powered on if the alternate boot mode has been selected by the
user.
The BAM provides the following features:
●
Serial bootloading via FlexCAN or LINFlex
●
Ability to accept a password via the used serial communication channel to grant the
legitimate user access to the non-volatile memory
1.5.18
Error correction status module (ECSM)
The ECSM provides a myriad of miscellaneous control functions regarding program-visible
information about the platform configuration and revision levels, a reset status register, a
software watchdog timer, wakeup control for exiting sleep modes, and information on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com