Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560P34L1 Datasheet(PDF) 8 Page - STMicroelectronics

Part # SPC560P34L1
Description  Programmable watchdog timer
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560P34L1 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button SPC560P34L1 Datasheet HTML 4Page - STMicroelectronics SPC560P34L1 Datasheet HTML 5Page - STMicroelectronics SPC560P34L1 Datasheet HTML 6Page - STMicroelectronics SPC560P34L1 Datasheet HTML 7Page - STMicroelectronics SPC560P34L1 Datasheet HTML 8Page - STMicroelectronics SPC560P34L1 Datasheet HTML 9Page - STMicroelectronics SPC560P34L1 Datasheet HTML 10Page - STMicroelectronics SPC560P34L1 Datasheet HTML 11Page - STMicroelectronics SPC560P34L1 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 103 page
background image
Introduction
SPC560P34L1, SPC560P34L3, SPC560P40L1, SPC560P40L3
8/103
Doc ID 16100 Rev 7
SPC560P34/SPC560P40 is available in two configurations having different features: Full-
featured and airbag. Table 3 shows the main differences between the two versions of the
SPC560P40 MCU.
eDMA (enhanced direct memory access) channels
16
FlexCAN (controller area network)
1(1)
2(1),(2)
Safety port
No
Yes (via second FlexCAN
module)
FCU (fault collection unit)
Yes
CTU (cross triggering unit)
Yes
Yes
eTimer
1 (16-bit, 6 channels)
FlexPWM (pulse-width modulation) channels
8
(capture capabity not
supported)
8
(capture capability not
supported)
Analog-to-digital converter (ADC)
1 (10-bit, 16 channels)
LINFlex
2
(1 × Master/Slave,
1 × Master only)
2
(1 × Master/Slave,
1 × Master only)
DSPI (deserial serial peripheral interface)
2
3
CRC (cyclic redundancy check) unit
Yes
Junction temperature sensor
No
JTAG controller
Yes
Nexus port controller (NPC)
Yes (Nexus Class 1)
Supply
Digital power supply(3)
3.3 V or 5 V single supply with external transistor
Analog power supply
3.3 V or 5 V
Internal RC oscillator
16 MHz
External crystal oscillator
4–40 MHz
Packages
LQFP64
LQFP100
Temperature
Standard ambient temperature
–40 to 125 °C
1.
Each FlexCAN module has 32 message buffers.
2.
One FlexCAN module can act as a safety port with a bit rate as high as 8 Mbit/s at 64 MHz.
3.
The different supply voltages vary according to the part number ordered.
Table 2.
SPC560P34/SPC560P40 device comparison (continued)
Feature
SPC560P34
Full-featured
SPC560P40
Full-featured



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com