Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560P34L1 Datasheet(PDF) 100 Page - STMicroelectronics

Part # SPC560P34L1
Description  Programmable watchdog timer
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560P34L1 Datasheet(HTML) 100 Page - STMicroelectronics

Back Button SPC560P34L1 Datasheet HTML 95Page - STMicroelectronics SPC560P34L1 Datasheet HTML 96Page - STMicroelectronics SPC560P34L1 Datasheet HTML 97Page - STMicroelectronics SPC560P34L1 Datasheet HTML 98Page - STMicroelectronics SPC560P34L1 Datasheet HTML 99Page - STMicroelectronics SPC560P34L1 Datasheet HTML 100Page - STMicroelectronics SPC560P34L1 Datasheet HTML 101Page - STMicroelectronics SPC560P34L1 Datasheet HTML 102Page - STMicroelectronics SPC560P34L1 Datasheet HTML 103Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 100 / 103 page
background image
Revision history
SPC560P34L1, SPC560P34L3, SPC560P40L1, SPC560P40L3
100/103
Doc ID 16100 Rev 7
23-Dec-2010
3
(continued)
Updated “Main oscillator electrical characteristics (5.0 V, NVUSRO[PAD3V5V] = 0)”
table
Updated “Main oscillator electrical characteristics (3.3 V, NVUSRO[PAD3V5V] = 1)”
table
“Input clock characteristics” table: updated fCLK max value
“PLLMRFM electrical specifications (VDDPLL = 1.08 V to 1.32 V, VSS = VSSPLL = 0 V,
TA =TL to TH)” table:
– Updated supply voltage range for VDDPLL in the table title
– Updated fSCM max value
– Updated CJITTER row
– Updated fMOD max value
Updated “16 MHz RC oscillator electrical characteristics” table
Updated “ADC conversion characteristics” table
“Program and erase specifications” table:
–Twprogram: updated initial max and max values
–TBKPRG, 64 KB: updated initial max and max values
– added information about “erase time” for Data Flash
“Flash module life” table:
– P/E, 32 KB: added typ value
– P/E, 128 KB: added typ value
Replaced “Pad AC specifications (5.0 V, NVUSRO[PAD3V5V] = 0)” and “Pad AC
specifications (3.3 V, INVUSRO[PAD3V5V] = 1)” tables with “Output pin transition
times” table
“JTAG pin AC electrical characteristics” table:
–tTDOV: updated max value
–tTDOHZ: added min value and removed max value
“Nexus debug port timing” table: removed the rows “tMCYC”, “tMDOV”, “tMSEOV”, and
“tEVTOV”
Updated “External interrupt timing (IRQ pin)” table
Updated “FlexCAN timing” table
Updated “DSPI timing” table
Updated “Ordering information” section
Table 45.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com