Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560P34L1 Datasheet(PDF) 17 Page - STMicroelectronics

Part # SPC560P34L1
Description  Programmable watchdog timer
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560P34L1 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button SPC560P34L1 Datasheet HTML 13Page - STMicroelectronics SPC560P34L1 Datasheet HTML 14Page - STMicroelectronics SPC560P34L1 Datasheet HTML 15Page - STMicroelectronics SPC560P34L1 Datasheet HTML 16Page - STMicroelectronics SPC560P34L1 Datasheet HTML 17Page - STMicroelectronics SPC560P34L1 Datasheet HTML 18Page - STMicroelectronics SPC560P34L1 Datasheet HTML 19Page - STMicroelectronics SPC560P34L1 Datasheet HTML 20Page - STMicroelectronics SPC560P34L1 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 103 page
background image
SPC560P34L1, SPC560P34L3, SPC560P40L1, SPC560P40L3
Introduction
Doc ID 16100 Rev 7
17/103
1.5.8
System clocks and clock generation
The following list summarizes the system clock and clock generation on the
SPC560P34/SPC560P40:
●
Lock detect circuitry continuously monitors lock status
●
Loss of clock (LOC) detection for PLL outputs
●
Programmable output clock divider (
÷1, ÷2, ÷4, ÷8)
●
FlexPWM module and eTimer module running at the same frequency as the e200z0h
core
●
Internal 16 MHz RC oscillator for rapid start-up and safe mode: supports frequency
trimming by user application
1.5.9
Frequency-modulated phase-locked loop (FMPLL)
The FMPLL allows the user to generate high speed system clocks from a 4–40 MHz input
clock. Further, the FMPLL supports programmable frequency modulation of the system
clock. The PLL multiplication factor, output clock divider ratio are all software configurable.
The FMPLL has the following major features:
●
Input clock frequency: 4–40 MHz
●
Maximum output frequency: 64 MHz
●
Voltage controlled oscillator (VCO)—frequency 256–512 MHz
●
Reduced frequency divider (RFD) for reduced frequency operation without forcing the
FMPLL to relock
●
Frequency-modulated PLL
–
Modulation enabled/disabled through software
–
Triangle wave modulation
●
Programmable modulation depth (±0.25% to ±4% deviation from center frequency):
programmable modulation frequency dependent on reference frequency
●
Self-clocked mode (SCM) operation
1.5.10
Main oscillator
The main oscillator provides these features:
●
Input frequency range: 4–40 MHz
●
Crystal input mode or oscillator input mode
●
PLL reference
1.5.11
Internal RC oscillator
This device has an RC ladder phase-shift oscillator. The architecture uses constant current
charging of a capacitor. The voltage at the capacitor is compared by the stable bandgap
reference voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com