Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560P34L1 Datasheet(PDF) 61 Page - STMicroelectronics

Part # SPC560P34L1
Description  Programmable watchdog timer
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560P34L1 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button SPC560P34L1 Datasheet HTML 57Page - STMicroelectronics SPC560P34L1 Datasheet HTML 58Page - STMicroelectronics SPC560P34L1 Datasheet HTML 59Page - STMicroelectronics SPC560P34L1 Datasheet HTML 60Page - STMicroelectronics SPC560P34L1 Datasheet HTML 61Page - STMicroelectronics SPC560P34L1 Datasheet HTML 62Page - STMicroelectronics SPC560P34L1 Datasheet HTML 63Page - STMicroelectronics SPC560P34L1 Datasheet HTML 64Page - STMicroelectronics SPC560P34L1 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 103 page
background image
SPC560P34L1, SPC560P34L3, SPC560P40L1, SPC560P40L3
Electrical characteristics
Doc ID 16100 Rev 7
61/103
Table 20.
Supply current (5.0 V, NVUSRO[PAD3V5V] = 0)
Symbol
C
Parameter
Conditions
Value(1)
Unit
Typ
Max
IDD_LV_CORx
T
RUN—Maximum mode(2)
VDD_LV_CORx externally
forced at 1.3 V
40 MHz
44
55
mA
P
64 MHz
52
65
T
RUN—Typical mode(3)
40 MHz
38
46
64 MHz
45
54
P
HALT mode(4)
—1.5
10
STOP mode(5)
—1
10
IDD_FLASH
T
Flash during read
VDD_HV_FL at 5.0 V
—
8
10
Flash during erase
operation on 1 flash module
VDD_HV_FL at 5.0 V
—
15
19
IDD_ADC
TADC
VDD_HV_ADC0 at 5.0 V
fADC =16 MHz
ADC_0
3
4
IDD_OSC
T
Oscillator
VDD_HV_OSC at 5.0 V
8 MHz
2.6
3.2
IDD_HV_REG
D
Internal regulator module
current consumption
VDD_HV_REG at 5.5 V
—
10
1.
All values to be confirmed after characterization/data collection.
2.
Maximum mode: FlexPWM, ADC, CTU, DSPI, LINFlex, FlexCAN, 15 output pins, PLL_0 enabled, 125 °C ambient. I/O
supply current excluded.
3.
Typical mode configurations: DSPI, LINFlex, FlexCAN, 15 output pins, PLL_0, 105 °C ambient. I/O supply current
excluded.
4.
Halt mode configurations: Code fetched from SRAM, code flash memory and data flash memory in low power mode,
OSC/PLL_0 are OFF, core clock frozen, all peripherals disabled.
5.
STOP “P” mode Device Under Test (DUT) configuration: Code fetched from SRAM, code flash memory and data flash
memory off, OSC/PLL_0 are OFF, core clock frozen, all peripherals disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com