Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560P34L1 Datasheet(PDF) 49 Page - STMicroelectronics

Part # SPC560P34L1
Description  Programmable watchdog timer
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560P34L1 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button SPC560P34L1 Datasheet HTML 45Page - STMicroelectronics SPC560P34L1 Datasheet HTML 46Page - STMicroelectronics SPC560P34L1 Datasheet HTML 47Page - STMicroelectronics SPC560P34L1 Datasheet HTML 48Page - STMicroelectronics SPC560P34L1 Datasheet HTML 49Page - STMicroelectronics SPC560P34L1 Datasheet HTML 50Page - STMicroelectronics SPC560P34L1 Datasheet HTML 51Page - STMicroelectronics SPC560P34L1 Datasheet HTML 52Page - STMicroelectronics SPC560P34L1 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 103 page
background image
SPC560P34L1, SPC560P34L3, SPC560P40L1, SPC560P40L3
Electrical characteristics
Doc ID 16100 Rev 7
49/103
VDD_HV_ADC0
SR
5.0 V ADC_0 supply and
high reference voltage
—4.5
5.5
V
Relative to
VDD_HV_REG
VDD_HV_REG –0.1
—
VSS_HV_ADC0
SR
ADC_0 ground and low
reference voltage
—0
0
V
VDD_LV_REGCOR
(3)
,(4)
CC Internal supply voltage
—
—
—
V
VSS_LV_REGCOR
(3) SR
Internal reference
voltage
—0
0
V
VDD_LV_CORx
(3),(4)
CC Internal supply voltage
—
—
—
V
VSS_LV_CORx
(3)
SR
Internal reference
voltage
—0
0
V
TA
SR
Ambient temperature
under bias
fCPU =60 MHz
−40
125
°C
fCPU =64MHz
−40
105
°C
1.
Full functionality cannot be guaranteed when voltage drops below 4.5 V. In particular, ADC electrical characteristics and
I/Os DC electrical specification may not be guaranteed.
2.
The difference between each couple of voltage supplies must be less than 100 mV,
⏐V
DD_HV_IOy –
VDD_HV_IOx
⏐ < 100 mV.
3.
To be connected to emitter of external NPN. Low voltage supplies are not under user control—they are produced by an on-
chip voltage regulator—but for the device to function properly the low voltage grounds (VSS_LV_xxx) must be shorted to high
voltage grounds (VSS_HV_xxx) and the low voltage supply pins (VDD_LV_xxx) must be connected to the external ballast
emitter.
4.
The low voltage supplies (VDD_LV_xxx) are not all independent.
– VDD_LV_COR1 and VDD_LV_COR2 are shorted internally via double bonding connections with lines that provide the low
voltage supply to the data flash memory module. Similarly, VSS_LV_COR1 and VSS_LV_COR2 are internally shorted.
– VDD_LV_REGCOR and VDD_LV_RECORx are physically shorted internally, as are VSS_LV_REGCOR and VSS_LV_CORx.
Table 10.
Recommended operating conditions (5.0 V) (continued)
Symbol
Parameter
Conditions
Value
Unit
Min
Max(1)
Table 11.
Recommended operating conditions (3.3 V)
Symbol
Parameter
Conditions
Value
Unit
Min
Max(1)
VSS
SR Device ground
—
0
0
V
VDD_HV_IOx
(2)
SR
3.3 V input/output supply
voltage
—3.0
3.6
V
VSS_HV_IOx
SR
Input/output ground
voltage
—0
0
V
VDD_HV_OSC
SR
3.3 V crystal oscillator
amplifier supply voltage
—3.0
3.6
V
Relative to
VDD_HV_IOx
VDD_HV_IOx –0.1 VDD_HV_IOx +0.1
VSS_HV_OSC
SR
3.3 V crystal oscillator
amplifier reference
voltage
—0
0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com