Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560P34L1 Datasheet(PDF) 67 Page - STMicroelectronics

Part # SPC560P34L1
Description  Programmable watchdog timer
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560P34L1 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button SPC560P34L1 Datasheet HTML 63Page - STMicroelectronics SPC560P34L1 Datasheet HTML 64Page - STMicroelectronics SPC560P34L1 Datasheet HTML 65Page - STMicroelectronics SPC560P34L1 Datasheet HTML 66Page - STMicroelectronics SPC560P34L1 Datasheet HTML 67Page - STMicroelectronics SPC560P34L1 Datasheet HTML 68Page - STMicroelectronics SPC560P34L1 Datasheet HTML 69Page - STMicroelectronics SPC560P34L1 Datasheet HTML 70Page - STMicroelectronics SPC560P34L1 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 103 page
background image
SPC560P34L1, SPC560P34L3, SPC560P40L1, SPC560P40L3
Electrical characteristics
Doc ID 16100 Rev 7
67/103
fFREE
P
Free-running frequency
Measured using clock
division—typically /16
20
150
MHz
tCYC
D
System clock period
—
—
1 /
fSYS
ns
fLORL
D
Loss of reference frequency window(3)
Lower limit
1.6
3.7
MHz
fLORH
D
Upper limit
24
56
fSCM
D
Self-clocked mode frequency(4),(5)
—20
150
MHz
CJITTER
T
CLKOUT period
jitter(6),(7),(8),(9)
Short-term jitter(10)
fSYS maximum
−44
% fCLKOUT
Long-term jitter
(average over 2 ms
interval)
fPLLIN =16MHz
(resonator), fPLLCLK at
64 MHz, 4000 cycles
—10
ns
tlpll
D
PLL lock time(11), (12)
——
200
µs
tdc
D
Duty cycle of reference
—
40
60
%
fLCK
D
Frequency LOCK range
—
−66
% fSYS
fUL
D
Frequency un-LOCK range
—
−18
18
% fSYS
fCS
D
Modulation depth
Center spread
±0.25
±4.0
(13)
%fSYS
fDS
D
Down spread
−0.5
−8.0
fMOD
D
Modulation frequency(14)
——
70
kHz
1.
VDD_LV_CORx = 1.2 V ±10%; VSS = 0 V; TA = –40 to 125 °C, unless otherwise specified
2.
Considering operation with PLL not bypassed.
3.
“Loss of Reference Frequency” window is the reference frequency range outside of which the PLL is in self clocked mode.
4.
Self clocked mode frequency is the frequency that the PLL operates at when the reference frequency falls outside the fLOR
window.
5.
fVCO self clock range is 20–150 MHz. fSCM represents fSYS after PLL output divider (ERFD) of 2 through 16 in enhanced
mode.
6.
This value is determined by the crystal manufacturer and board design.
7.
Jitter is the average deviation from the programmed frequency measured over the specified interval at maximum fSYS.
Measurements are made with the device powered by filtered supplies and clocked by a stable external clock signal. Noise
injected into the PLL circuitry via VDD_LV_COR0 and VSS_LV_COR0 and variation in crystal oscillator frequency increase the
CJITTER percentage for a given interval.
8.
Proper PC board layout procedures must be followed to achieve specifications.
9.
Values are obtained with frequency modulation disabled. If frequency modulation is enabled, jitter is the sum of CJITTER
and either fCS or fDS (depending on whether center spread or down spread modulation is enabled).
10. Short term jitter is measured on the clock rising edge at cycle n and cycle n+4.
11. This value is determined by the crystal manufacturer and board design. For 4 MHz to 20 MHz crystals specified for this
PLL, load capacitors should not exceed these limits.
12. This specification applies to the period required for the PLL to relock after changing the MFD frequency control bits in the
synthesizer control register (SYNCR).
13. This value is true when operating at frequencies above 60 MHz, otherwise fCS is 2% (above 64 MHz).
14. Modulation depth will be attenuated from depth setting when operating at modulation frequencies above 50 kHz.
Table 28.
FMPLL electrical characteristics (continued)
Symbol
C
Parameter
Conditions(1)
Value
Unit
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com